MHO+72TAD-R
AI

The **MHO+72TAD-R** is a precision electronic component, specifically a **Crystal Oscillator**. It is commonly used in telecommunications, networking, and industrial computing to provide a stable clock signal.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like MtronPTI). Below are the core specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | Full-Size 14-pin DIP (Through-Hole) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V DC (Typical) |
| **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on grade) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
### 2. Internal Electronic Architecture
The device is an integrated module consisting of several internal stages:
1. **Quartz Crystal Resonator:** The heart of the device, precision-cut to vibrate at a specific frequency.
2. **Oscillator IC:** An active circuit that maintains the vibration of the crystal using a feedback loop.
3. **Buffer Stage:** An output amplifier that ensures the signal can drive multiple loads (Fan-out) without distorting the waveform.
4. **Bypass Capacitors:** Internal filtering to reduce electronic noise on the power line.
---
### 3. Pin Configuration (14-pin DIP Layout)
Although it has a 14-pin footprint, most pins are typically omitted, leaving only four functional pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **7** | Ground | Case and circuit ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5V Power Supply |
---
### 4. Key Applications
* **Legacy Computing:** Replacement parts for older motherboards or industrial controllers.
* **Telecommunications:** Timing for synchronous data transmission.
* **Embedded Systems:** Providing a master clock for Microprocessors and FPGAs.
- ⤷
What is the specific output frequency of your MHO+72TAD-R unit?
- ⤷ Can this oscillator be used in a 3.3V circuit?
- ⤷ How do I test if the oscillator is functioning correctly with an oscilloscope?