MHO+72FAG-R
AI

The **MHO+72FAG-R** is a specific part number belonging to a series of **Crystal Clock Oscillators** manufactured by **MtronPTI**. These components are critical in electronic circuits for providing a precise and stable timing signal (clock pulse) to microprocessors and digital systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | XO (Crystal Oscillator) | Fixed frequency output |
| **Package** | 14-pin DIP (DIL) | Through-hole rectangular metal can |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic |
| **Supply Voltage** | 5.0V | Standard operating voltage |
| **Frequency Stability** | ±100 ppm (Typical) | Variance over temperature and time |
| **RoHS Status** | -R (Suffix) | Indicates RoHS Compliance (Lead-free) |
---
### 2. Physical Construction
The "MHO" series typically utilizes a **Half-Size or Full-Size DIL (Dual-In-Line)** metal package.
* **Metal Casing:** Provides electromagnetic interference (EMI) shielding to ensure the clock signal remains clean and does not interfere with other components.
* **Hermetic Seal:** The crystal inside is vacuum-sealed to prevent aging caused by moisture or oxidation.
---
### 3. Pin Configuration (Typical 14-pin Full Size)
In a standard 14-pin DIP package for oscillators, only 4 pins are usually active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated square wave clock signal |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Common Applications
Parts like the MHO+72FAG-R are legacy or industrial-grade components often found in:
* **Industrial Control Systems:** Where through-hole components are preferred for durability.
* **Legacy Computing:** Motherboards or expansion cards requiring a 5V clock source.
* **Telecommunications:** Timing synchronization in networking hardware.
* **Test & Measurement Equipment:** Providing a stable reference frequency.
---
### 5. Part Number Breakdown
* **MHO:** Series identifier (MtronPTI High-Speed CMOS/TTL).
* **7:** Often refers to frequency stability or temperature range (check datasheet for specific code).
* **2:** Usually denotes the voltage (5.0V).
* **FAG:** Internal factory codes for specific frequency and tuning.
* **-R:** RoHS compliant.
- ⤷
What is the specific output frequency of the MHO+72FAG-R?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?
- ⤷ How does the 'Tri-state' function on Pin 1 work for this series?