MHO+68TGG-R
AI

The **MHO+68TGG-R** is a specific part number typically associated with a **DIP (Dual In-line Package) Socket**, specifically a high-quality "machined pin" or "turned pin" IC socket. These are used to provide a reliable electrical connection between an Integrated Circuit (IC) and a Printed Circuit Board (PCB) while allowing for easy replacement.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Number of Positions** | 68 Pins |
| **Pin Style** | Machined / Turned Pin (Round) |
| **Pitch** | 2.54mm (0.1 inch) Standard |
| **Contact Material** | Beryllium Copper or Phosphor Bronze |
| **Plating** | Gold (G) or Tin (T) - often selective plating |
| **Mounting Type** | Through-hole (THT) |
| **Row Spacing** | Large format (usually 0.600" / 15.24mm or 0.900") |
---
### 2. Breakdown of Part Characteristics
* **Machined Pins (The "M" and "TGG"):** Unlike stamped-contact sockets, machined sockets use a solid brass outer sleeve and a multi-finger inner contact. This provides a much more secure and vibration-resistant connection.
* **68-Pin Configuration:** This is a high pin-count socket. It is frequently used for legacy microprocessors, large memory chips, or specialized PLCC/PGA adapters.
* **Gold Plating (G/GG):** The "G" in the suffix usually denotes gold plating on the contact area. Gold is preferred for low-signal applications because it does not oxidize, ensuring long-term conductivity.
* **RoHS Compliance (-R):** The "-R" suffix typically indicates that the part is compliant with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free.
---
### 3. Common Applications
* **Prototyping:** Allows for the swapping of expensive ICs without soldering/desoldering.
* **Maintenance:** Used in industrial equipment where high-wear components might need periodic replacement.
* **Programming:** Often found on universal programmers or adapter boards for 68-pin chips.
---
### 4. Schematic Footprint Reference
```c
// Example Layout Definition
.__________________________.
| 1 68|
| 2 67|
| 3 (Inner Space) 66|
| ... ... |
| 34 35|
'--------------------------'
```
- ⤷
What is the difference between machined pins and stamped pins in IC sockets?
- ⤷ Which specific IC families typically use a 68-pin DIP package?
- ⤷ How does gold plating compare to tin plating for long-term electrical reliability?