MHO+68TGD-R
AI

The **MHO+68TGD-R** is a high-performance **Oven Controlled Crystal Oscillator (OCXO)** manufactured by MtronPTI. These components are critical in telecommunications and instrumentation where extreme frequency stability is required.
---
## 1. Core Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | OCXO (Oven Controlled Crystal Oscillator) |
| **Output Frequency** | Custom (typically in the 10MHz to 100MHz range) |
| **Supply Voltage** | Usually 3.3V or 5.0V DC |
| **Package Style** | Through-hole (typically a "Euro" or "CO-8" package) |
| **Output Type** | CMOS or HCMOS |
| **Temperature Stability** | Often as low as ±10 ppb (parts per billion) |
---
## 2. Key Internal Electronic Parts
The MHO+68TGD-R consists of several integrated subsystems to ensure precision:
### A. The Quartz Crystal
The heart of the unit is a high-quality quartz crystal, usually **SC-cut (Stress Compensated)**. SC-cut crystals are preferred in high-end OCXOs because they are less sensitive to mechanical stress and thermal gradients compared to standard AT-cut crystals.
### B. The Heating Element (The "Oven")
This part uses a power transistor or a specialized heating resistor. Its job is to maintain the crystal and sensitive circuitry at a specific, constant temperature (the "turnover point"), which is higher than the maximum ambient operating temperature.
### C. Temperature Control Circuitry
This is a closed-loop system consisting of:
* **Thermistor:** A temperature sensor that monitors the internal environment.
* **Control IC:** A precision operational amplifier or PID controller that adjusts the power to the heating element based on feedback from the thermistor.
### D. Voltage Regulator
To prevent fluctuations in the power supply from affecting the frequency, the internal electronics often include a Low Dropout (LDO) regulator to provide a "clean" voltage to the oscillator.
---
## 3. Applications
Because of its high stability and low phase noise, this part is used in:
* **Base Stations:** Synchronizing cellular networks (5G/LTE).
* **Satellite Communications:** Ground station timing.
* **Test & Measurement:** Reference clocks for frequency counters and synthesizers.
---
- ⤷
What is the difference between an OCXO and a standard TCXO?
- ⤷ How does the 'SC-cut' crystal improve frequency stability in this model?
- ⤷ What are the power consumption requirements during the 'warm-up' phase?