MHO+68FGD-R
AI

The **MHO+68FGD-R** is a specific part number typically associated with a **Crystal Oscillator**. This component is a fundamental building block in electronic circuits, used to provide a precise and stable clock signal for microprocessors, communication modules, and digital timing circuits.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for the MHO series, here are the primary electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Frequency Range** | Usually fixed (e.g., 1.0MHz to 100MHz+ depending on the specific variant) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for the MHO series) |
| **Stability** | Usually $\pm$50ppm or $\pm$100ppm |
| **Operating Temperature** | Standard commercial (0°C to 70°C) or Industrial (-40°C to 85°C) |
---
### 2. Functional Components
Internally, the MHO+68FGD-R consists of two main sections:
1. **The Quartz Crystal:** A thin slice of quartz that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect).
2. **The Oscillation Circuitry:** An integrated circuit (IC) that maintains the vibration and converts it into a clean square wave (digital signal) usable by other electronics.
### 3. Pin Configuration (14-pin DIP Layout)
Even though the package has 14 pins, usually only 4 are electrically active:
* **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable).
* **Pin 7:** Ground (GND).
* **Pin 8:** Output (The clock signal).
* **Pin 14:** Supply Voltage ($V_{cc}$).
---
### 4. Application Use Cases
* **Microcontrollers:** Providing the heartbeat for CPUs.
* **Networking:** Timing for Ethernet controllers or routers.
* **Legacy Systems:** Replacing older clock generators in industrial machinery.
* **Test Equipment:** Stable references for frequency counters.
---
### 5. Deciphering the Suffixes
* **"MHO":** Manufacturer series designation (often associated with MtronPTI or similar brands).
* **"R":** Generally indicates **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards.
- ⤷
What is the exact frequency rating for this specific model?
- ⤷ Can this oscillator be used in 3.3V logic circuits?
- ⤷ What are the physical dimensions of a full-size 14-pin DIP oscillator?