MHO+68FAAD-R
AI

The **MHO+68FAAD-R** refers to a high-performance **Crystal Oscillator (XO)**, typically manufactured by companies like **MtronPTI**. This specific part belongs to a family of frequency control devices used in telecommunications, networking, and industrial computing.
---
### 1. Technical Specifications Table
Below are the typical technical parameters associated with this specific series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed Frequency) |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC |
| **Frequency Range** | 1.000 MHz to 100.000 MHz (Part specific) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100 ppm (standard) |
| **RoHS Status** | "R" suffix indicates RoHS Compliant |
---
### 2. Breakdown of Part Number Nomenclature
While manufacturers vary slightly, the "MHO" series code usually breaks down as follows:
* **MHO:** Identifies the product series (5.0V Full Size DIP Oscillator).
* **+:** Usually indicates a lead-free/RoHS compliant process.
* **68:** Often refers to the frequency stability or specific temperature range (e.g., ±50ppm or ±100ppm).
* **F:** Frequently denotes the symmetry or duty cycle requirements (e.g., 45/55%).
* **AA:** Internal factory codes or specific output load requirements.
* **D:** Pinout configuration (Standard 4-pin connection within a 14-pin footprint).
* **-R:** Indicates **RoHS Compliant** (Restriction of Hazardous Substances).
---
### 3. Key Features & Applications
#### Key Features
* **Reliability:** High resistance to mechanical shock and vibration.
* **Output:** High-speed CMOS/TTL driving capability suitable for clocking microprocessors.
* **Form Factor:** The 14-pin DIP package is common for older industrial designs or systems requiring "Through-Hole" mounting for durability.
#### Common Applications
* **Networking:** Clocking for Routers, Hubs, and Switches.
* **Industrial:** Programmable Logic Controllers (PLCs) and Embedded Systems.
* **Legacy Hardware:** Repair and maintenance of older computing hardware that utilizes 5V logic.
---
### 4. Typical Pin Configuration (14-Pin DIP)
Even though the package has 14 pins, only 4 are usually active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No Connection or Output Enable |
| **7** | GND | Case Ground / Negative Power |
| **8** | Output | Frequency Signal Output |
| **14** | $V_{cc}$ | +5.0V Power Supply |
---
- ⤷
What is the specific frequency assigned to your version of the MHO+68FAAD-R?
- ⤷ Do you need a modern Surface Mount (SMD) equivalent for this through-hole part?
- ⤷ Are you experiencing stability issues with this oscillator in an existing circuit?