MHO+67FBD-R
AI

Based on the part number provided, **MHO+67FBD-R** refers to a high-precision **Crystal Oscillator** (often specifically a Clock Oscillator) manufactured by **MtronPTI**.
These components are critical for providing a stable frequency reference in digital circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package / Case** | 14-pin DIP (Full size) or 8-pin DIP (Half size) equivalent |
| **Frequency Range** | Typically 1.000 MHz to 150.000 MHz |
| **Operating Voltage** | 5.0V DC (Standard for the MHO series) |
| **Output Logic** | HCMOS / TTL Compatible |
| **Stability** | ±25ppm to ±100ppm (depending on specific grade) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
### 2. Part Number Breakdown
While MtronPTI coding can vary, the alphanumeric segments generally represent the following:
* **MHO:** Identifies the product series (Metal package, High-speed CMOS).
* **+:** Indicates Lead-Free / RoHS compliance.
* **6:** Often refers to the Frequency Stability (e.g., ±50ppm).
* **7:** Refers to the Operating Temperature range (e.g., -40°C to +85°C).
* **FBD:** Internal manufacturing codes for specific symmetry and output load (usually 15pF or 50pF).
* **R:** Denotes "RoHS Compliant."
---
### 3. Key Electronic Components Inside
An oscillator like the MHO+67FBD-R is not just a crystal; it is an active circuit consisting of:
1. **Quartz Crystal Blank:** The heart of the unit that vibrates at a specific resonant frequency.
2. **Oscillator IC:** An integrated circuit that provides the gain needed to start and maintain oscillation.
3. **Bypass Capacitors:** Internal components used to filter power supply noise.
4. **Buffer/Driver:** Ensures the output signal can drive the capacitive load of the PCB traces and the receiving chip (CPU/FPGA).
---
### 4. Common Applications
* **Networking:** Routers, switches, and high-speed data transmission.
* **Industrial Control:** PLCs and embedded systems requiring long-term reliability.
* **Legacy Systems:** Used in older hardware designs that require through-hole (DIP) components rather than surface mount (SMD).
---
- ⤷
What is the exact frequency marked on your specific MHO+67FBD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this through-hole part?
- ⤷ Are you troubleshooting a timing issue in a specific circuit?