MHO+66TGG-R
AI

The **MHO+66TGG-R** is a specific part number typically associated with **D-Sub connectors** or specialized interface components used in telecommunications and high-density industrial electronics.
Based on the nomenclature, this part belongs to a family of high-performance connectors. Below is a breakdown of its technical characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector / High-Density Interface |
| **Contact Gender** | Female (Socket) / Receptacle |
| **Pin Count** | 66 Pins (High Density) |
| **Mounting Type** | Through-hole / Right Angle PCB Mount |
| **Orientation** | 90-degree (Right Angle) |
| **Plating** | Gold (G) over Nickel |
---
### 2. Key Features and Materials
* **High-Density Configuration:** Unlike standard D-subs (which usually have 9 to 50 pins), the 66-pin configuration utilizes a high-density layout (3 rows) to save PCB real estate while maintaining high signal counts.
* **Shell Material:** Usually constructed from cold-rolled steel with tin or zinc plating to provide EMI/RFI shielding.
* **Insulator:** Made of high-temperature thermoplastic (UL 94V-0 rated), allowing it to withstand wave soldering processes.
* **Contacts:** Phosphor bronze or copper alloy base, ensuring high conductivity and mechanical durability.
---
### 3. Part Number Breakdown (Typical)
While manufacturers vary slightly, the "MHO+66TGG-R" code generally translates as follows:
1. **MHO+**: Series prefix (Often associated with specific brands like *NorComp* or *Kycon* variants).
2. **66**: The number of positions/contacts.
3. **T**: Termination type (e.g., Through-hole).
4. **GG**: Gold plating thickness (often indicates Gold Flash or 15-30u" Gold).
5. **R**: RoHS Compliant (Lead-free).
---
### 4. Typical Applications
These connectors are engineered for environments where space is limited but high signal integrity is required:
* **Telecommunications:** Network switches and routers.
* **Industrial Automation:** PLCs (Programmable Logic Controllers) and CNC machinery.
* **Medical Equipment:** Imaging and diagnostic devices.
* **Aerospace:** Control systems and interface panels.
---
### 5. Technical Ratings
* **Current Rating:** ~2A to 3A per contact.
* **Voltage Rating:** 250V AC/DC.
* **Operating Temperature:** -55°C to +105°C.
* **Dielectric Withstanding Voltage:** 1000V AC for 1 minute.
- ⤷
What is the exact footprint dimension for the 66-pin high-density D-sub?
- ⤷ Which specific manufacturer produces the MHO+ series?
- ⤷ Are there surface-mount (SMT) versions of the 66-pin connector available?