MHO+66FCG-R
AI

The **MHO+66FCG-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. This specific component belongs to the MHO+ series, which is known for its reliability in industrial and communication applications.
---
### 1. Key Technical Specifications
Below is a detailed breakdown of the technical characteristics typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Full Size) |
| **Frequency Stability** | ±100 ppm (standard for this series) |
| **Operating Voltage** | 5.0 V DC |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the exact variant of the electronic part:
* **MHO:** Series designation (MtronPTI High-Reliability Oscillators).
* **+:** Indicates a lead-free/RoHS compliant version of the base series.
* **66:** Represents the specific stability and temperature coefficient (usually 100ppm over industrial range).
* **F:** Frequency Control / Tri-state function (allows the output to be disabled/disconnected).
* **CG:** Package/Pin configuration code.
* **-R:** RoHS Compliant.
---
### 3. Functional Description
The MHO+66FCG-R is an active component that generates a precise square wave signal used as a heartbeat for digital circuits.
#### A. Tri-State Function
The "F" in the part number indicates a **Tri-state Enable/Disable** function. When the enable pin is pulled low, the output goes into a high-impedance state. This is useful for:
* Power saving during standby modes.
* System testing and automated troubleshooting.
#### B. Thru-Hole Mounting
Unlike modern surface-mount (SMD) components, this part uses the **14-pin DIP** format. While it only uses four physical pins (Power, Ground, Output, and Enable), the large metal "can" package provides excellent electromagnetic interference (EMI) shielding.
---
### 4. Common Applications
* **Networking Gear:** Used in routers and switches for timing synchronization.
* **Industrial Controllers:** Providing clock signals for PLCs and ruggedized computers.
* **Legacy Systems:** Maintenance and repair of older telecommunication hardware that utilizes DIP sockets.
* **Medical Equipment:** Where stable frequency generation in a shielded package is required.
- ⤷
What is the exact frequency value for your specific MHO+66FCG-R unit?
- ⤷ How does the Tri-state pin affect the power consumption of this oscillator?
- ⤷ What are the recommended bypass capacitor values for this 5.0V component?