MHO+66FAAG-R
AI

The **MHO+66FAAG-R** is a high-performance **Crystal Oscillator** (XO) manufactured by MtronPTI. This specific part is designed for precision timing and frequency control in demanding industrial and telecommunications applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | Typically 1.000 MHz to 125.000 MHz |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 5.0 VDC |
| **Frequency Stability** | ±25 ppm to ±100 ppm (depending on variant) |
| **Package Type** | 14-pin DIP (DIL) Full Size |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | RoHS Compliant (indicated by the "-R") |
---
### 2. Key Features and Construction
* **Aged Stability:** These oscillators are designed to maintain a highly stable frequency over long periods, minimizing "drift."
* **Hermetic Seal:** The crystal is housed in a metal, resistance-welded package to protect against moisture and atmospheric contaminants.
* **Tri-state Functionality:** Often includes an output enable/disable function (Pin 1), allowing the output to be placed in a high-impedance state for testing or power saving.
* **Robust Drive:** Capable of driving multiple CMOS loads or several TTL gates without significant signal degradation.
---
### 3. Pin Configuration (14-pin DIP)
Though it uses a 14-pin footprint, usually only 4 pins are active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Case and Circuit Ground |
| **Pin 8** | Output | Frequency Signal Output |
| **Pin 14** | +Vcc | +5.0V Power Supply |
---
### 4. Common Applications
Due to its reliability and 5V operation, the MHO+66 series is commonly found in:
* **Legacy Computing:** Older industrial PC boards and microcontrollers requiring a 5V clock source.
* **Networking Gear:** Switches and routers requiring stable timing for data packet synchronization.
* **Test & Measurement:** Oscilloscopes and signal generators.
* **Industrial Controls:** Automation systems where temperature fluctuations are common.
- ⤷What are the differences between the MHO+ and MHO series?
- ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
- ⤷ What is the specific frequency stability for the FAAG suffix?