MHO+65TFG-R
AI

The **MHO+65TFG-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **Mercury Electronic**. These components are essential for providing a stable clock signal in electronic circuits.
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Range** | Typically 5.0V (Standard for MHO series) |
| **Operating Temperature** | Standard commercial or industrial ranges available |
| **RoHS Status** | "R" suffix indicates RoHS Compliance |
---
### 2. Key Electronic Characteristics
#### A. Frequency Stability
The "65" in the part number often refers to the stability or frequency parameters defined in the manufacturer's datasheet. Generally, these oscillators offer stability ranging from **±25ppm to ±100ppm**, ensuring the timing of the circuit remains consistent despite temperature fluctuations.
#### B. Output Waveform
* **CMOS/TTL:** This part is designed to drive digital logic circuits directly. It produces a square wave output with fast rise and fall times.
* **Load Drive:** Usually capable of driving a 15pF to 50pF load.
#### C. Physical Construction
The **Full-Size (14-pin DIP)** footprint actually only utilizes 4 functional pins, while the others are used for mechanical stability or are omitted:
* **Pin 1:** NC (No Connection) or Tri-state Control.
* **Pin 7:** Ground (GND).
* **Pin 8:** Output Signal.
* **Pin 14:** Supply Voltage (Vcc).
---
### 3. Common Applications
Due to its robust DIP packaging and reliable signal, the MHO+65TFG-R is commonly used in:
1. **Legacy Computing:** Motherboards and peripheral cards requiring a steady clock.
2. **Industrial Controllers:** PLC systems and automation hardware.
3. **Communication Equipment:** Modems and routers for data synchronization.
4. **Testing & Measurement:** Signal generators and frequency counters.
---
### 4. Technical Summary Table
| Parameter | Value (Typical) |
| :--- | :--- |
| **Input Current** | 10mA - 45mA (Frequency dependent) |
| **Duty Cycle** | 40/60% or 45/55% |
| **Rise/Fall Time** | 5ns to 10ns |
| **Start-up Time** | < 10ms |
- ⤷
What is the exact frequency of your specific MHO+65TFG-R unit?
- ⤷ Do you need the pinout diagram for integrating this into a PCB?
- ⤷ Are you looking for a modern SMD equivalent for this through-hole part?