MHO+65TAG-R
AI

The **MHO+65TAG-R** is a high-precision, industrial-grade **Oven Controlled Crystal Oscillator (OCXO)** manufactured by MtronPTI. These components are designed for applications requiring extreme frequency stability over a wide range of temperatures.
---
## 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | OCXO (Oven Controlled Crystal Oscillator) |
| **Output Frequency** | Custom (Commonly 10MHz to 100MHz) |
| **Supply Voltage** | +5.0 VDC (Standard) |
| **Package Type** | DIP-14 (Plug-in) or Surface Mount Options |
| **Output Waveform** | HCMOS / ACMOS |
| **Operating Temp Range** | -40°C to +85°C |
---
## 2. Key Electronic Features
### A. Oven Control Mechanism
The "Oven" in OCXO refers to an internal heating element and a thermistor-controlled circuit. This circuit maintains the quartz crystal at a constant, specific temperature (the "turnover point"), which prevents frequency drift caused by external temperature fluctuations.
### B. Frequency Stability
Unlike standard oscillators (XO) or temperature-compensated oscillators (TCXO), the MHO+65TAG-R offers stability in the **parts per billion (ppb)** range. This is critical for timing synchronization in telecommunications.
### C. Low Phase Noise
This part is engineered to have minimal "jitter" or phase noise, ensuring that the clock signal is clean and does not introduce errors into high-speed data transmission systems.
---
## 3. Typical Applications
* **Base Stations:** Used in 4G/5G cellular infrastructure for timing.
* **Test & Measurement:** Internal clocks for oscilloscopes and frequency counters.
* **Satellite Communications:** Ground station synchronization.
* **Network Switches:** Maintaining Synchronous Ethernet (SyncE) standards.
---
## 4. Connection Diagram (Standard DIP-14)
```text
Pin 1: Control Voltage (or N/C)
Pin 7: Case Ground/Negative
Pin 8: Output Signal (HCMOS)
Pin 14: Supply Voltage (Vcc)
```
- ⤷What is the typical warm-up time for the MHO+65TAG-R?
- ⤷ How does an OCXO differ from a TCXO in terms of power consumption?
- ⤷ What are the common frequency options available for this specific model?