MHO+65TAD-R
AI

## Analysis of MHO+65TAD-R (Crystal Oscillator)
The **MHO+65TAD-R** is a high-performance clock oscillator component typically manufactured by **MtronPTI**. It belongs to the MHO series, which is characterized by its 14-pin DIP (Dual In-line Package) footprint and TTL/CMOS compatibility.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Type** | 14-Pin DIP (Four pins used) |
| **Output Logic** | TTL / HCMOS Compatible |
| **Frequency Range** | Usually custom (needs suffix verification, e.g., 65MHz) |
| **Supply Voltage (Vcc)** | +5.0 VDC ± 10% |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±100 ppm (Standard for this series) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Pin Configuration
Although it sits in a 14-pin footprint, only four pins are electrically active.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal |
| **14** | Vcc | +5V Power Supply |
---
### 3. Key Features and Applications
#### Key Features
* **Hermetically Sealed:** The metal "can" package is resistance-welded to protect the quartz crystal from humidity and atmospheric contaminants.
* **Low Jitter:** Designed for stable timing in digital circuits.
* **Backward Compatibility:** Fits standard 14-pin DIP sockets used in legacy and industrial hardware.
#### Common Applications
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and Microcontrollers.
* **Networking Equipment:** Used in switches and routers for data synchronization.
* **Embedded Systems:** Industrial controllers requiring robust timing in harsh temperatures.
* **Test and Measurement:** Signal generators and frequency counters.
---
### 4. Part Number Breakdown
* **MHO:** Series designation (Metal thru-hole).
* **+:** Indicates specific internal processing or RoHS compliance initiation.
* **65:** Frequency stability or specific family code.
* **T:** Temperature range (often denotes -40 to +85°C).
* **AD:** Output type (HCMOS/TTL).
* **-R:** RoHS Compliant (Lead-free).
---
- ⤷What is the exact output frequency of this specific model?
- ⤷ Can this oscillator be used in 3.3V logic circuits?
- ⤷ What are the soldering precautions for the 14-pin DIP metal package?