MHO+64FGD-R
AI

The **MHO+64FGD-R** is a specific type of **Crystal Oscillator** manufactured by MtronPTI. These components are essential in electronic circuits for generating a precise, stable clock signal used to synchronize data and operations.
---
## 1. Technical Specifications
Below are the primary technical characteristics of the MHO series, specifically focusing on the 64FGD-R configuration:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Frequency Range** | Typically 1.0 MHz to 150.0 MHz |
| **Package Type** | 14-pin DIP (Full Size) |
| **Input Voltage** | +5.0 VDC (Standard for MHO series) |
| **Output Type** | HCMOS/TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of this part:
1. **MHO**: Series designation for MtronPTI High-Reliability / Standard Crystal Oscillators in a metal DIP package.
2. **6**: Represents the Stability/Temperature range (typically ±50ppm or ±100ppm depending on the specific datasheet revision).
3. **4**: Indicates the Duty Cycle (typically 40/60% or 45/55%).
4. **FGD**: These letters are internal codes for **Frequency and Specific Options**. "F" often relates to the frequency stability, while "GD" can represent specific pull-range or tri-state functions.
5. **-R**: Indicates **RoHS Compliance** (Lead-free).
---
## 3. Key Electronic Features
### Frequency Stability
This part is designed to maintain a consistent frequency even when environmental temperatures fluctuate. This is critical for telecommunications and industrial timing.
### HCMOS/TTL Compatibility
The output signal is designed to interface directly with standard logic gates (High-speed CMOS or Transistor-Transistor Logic). This makes it versatile for integration with microprocessors and FPGAs.
### Hermetically Sealed Package
The "Full Size DIP" package is made of metal and is hermetically sealed. This protects the internal quartz crystal from moisture and atmospheric contaminants, ensuring long-term reliability.
---
## 4. Common Applications
* **Industrial Control Systems:** Used as a heartbeat for PLCs and automation hardware.
* **Networking Equipment:** Providing clock signals for routers and switches.
* **Legacy Computing:** The 14-pin DIP format is often found in older hardware or robust industrial motherboards.
* **Test and Measurement:** Used in signal generators and frequency counters.
- ⤷
What is the difference between a Crystal and a Crystal Oscillator like the MHO+64FGD-R?
- ⤷ How do I identify Pin 1 on a 14-pin DIP oscillator package?
- ⤷ What are the common failure modes for this type of electronic component?