MHO+64FFG-R
AI

The **MHO+64FFG-R** is a specific part number typically associated with **MHO+ Series Crystal Oscillators** manufactured by MtronPTI. These are high-performance frequency control devices used in various electronic circuits to provide a stable clock signal.
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the general technical characteristics:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) Metal Can |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V (Standard for this series) |
| **Frequency Stability** | Generally ±100ppm to ±25ppm (depending on suffix) |
| **Operating Temperature** | 0°C to +70°C (Standard) or -40°C to +85°C (Industrial) |
| **RoHS Status** | The "R" suffix typically denotes RoHS Compliance |
---
### 2. Breakdown of the Part Number
While manufacturers have specific internal codes, the alphanumeric string generally breaks down as follows:
* **MHO+**: The Series name (High-speed CMOS/TTL compatible oscillators).
* **64**: Often refers to the Frequency (64.000 MHz).
* **F/F/G**: These are internal codes for frequency stability, duty cycle, and operating temperature range.
* **R**: Denotes **RoHS Compliant** (Lead-free).
---
### 3. Physical Characteristics and Pinout
These oscillators are usually housed in a hermetically sealed metal package to reduce Electromagnetic Interference (EMI).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | Positive Supply Voltage (+5V) |
---
### 4. Common Applications
The MHO+64FFG-R is designed for applications requiring a stable 64MHz timing reference:
1. **Microprocessors/Microcontrollers:** Providing the primary system clock.
2. **Networking Equipment:** Used in routers and switches for data synchronization.
3. **Embedded Systems:** Industrial controllers and automation hardware.
4. **Legacy Hardware:** Often found in older computing systems that utilize full-size DIP oscillator footprints.
---
### 5. Schematic Symbol Example
```mermaid
graph TD
VCC(Pin 14: +5V) --- OSC[Oscillator Body]
GND(Pin 7: Ground) --- OSC
OE(Pin 1: Tri-state) --- OSC
OSC --- OUT(Pin 8: 64MHz Output)
```
- ⤷What is the exact frequency stability rating for the 'F' grade in this series?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO+64FFG-R?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?