MHO+64FAAD-R
AI

The **MHO+64FAAD-R** is a high-performance, industrial-grade **Crystal Oscillator (XO)**. It is primarily used in telecommunications, networking, and high-speed data transmission equipment where precise timing is critical.
---
### 1. Key Technical Specifications
Based on the part number nomenclature (typically associated with manufacturers like **MtronPTI**), here are the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL |
| **Frequency Stability** | ±50 ppm to ±100 ppm (Standard) |
| **Supply Voltage (Vcc)** | +5.0V DC |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
### 2. Functional Components
Internal to the metal housing, the device consists of several integrated parts:
1. **Quartz Crystal Blank:** The core resonator that determines the fundamental frequency.
2. **Oscillator IC:** An integrated circuit that provides the gain needed to sustain oscillation and buffers the output signal.
3. **Bypass Capacitors:** Internal components that filter noise from the power supply to ensure signal integrity.
4. **Hermetic Seal:** The metal "can" package is resistance-welded to protect the internal components from humidity and atmospheric contaminants.
---
### 3. Pin Configuration (14-Pin DIP)
Although it has a 14-pin footprint, only four pins are typically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | +5.0V Power Supply |
---
### 4. Part Number Breakdown
The suffixing and prefixing follow a specific logic:
* **MHO:** Series designation (High-speed HCMOS/TTL).
* **64:** Specific package and voltage variant (usually 5.0V, Full Size).
* **F:** Stability/Temperature code (e.g., ±100ppm over Industrial range).
* **AA:** Internal frequency/Output code.
* **D:** Duty Cycle specification (typically 40/60% or 45/55%).
* **-R:** RoHS Compliant (Lead-free).
---
### 5. Common Applications
* **Legacy Networking:** Used in routers and switches requiring a 5V clock source.
* **Industrial Controllers:** Timing for PLCs (Programmable Logic Controllers).
* **Test Equipment:** Providing a stable reference clock for measuring instruments.
- ⤷
What is the exact frequency of your specific MHO+64FAAD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?