công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+63TDD-R

  • AI
    ## Analysis of the MHO+63TDD-R Electronic Part The **MHO+63TDD-R** is a specific model of a **Crystal Oscillator**, typically manufactured by companies like **MtronPTI**. It belongs to the MHO series of high-reliability, metal-can (DIP) oscillators. --- ### 1. Technical Specifications The alphanumeric code represents specific electrical and physical characteristics. Below is a breakdown of the standard specifications for this series: | Parameter | Specification | | :--- | :--- | | **Package Type** | 14-pin DIP (Full Size) or 8-pin DIP (Half Size) Metal Can | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage (Vcc)** | +5.0 VDC (Standard for the '6' series) | | **Frequency Stability** | ±100 ppm (Standard) to ±25 ppm (Tight) | | **Operating Temperature** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) | | **Duty Cycle** | 40/60% to 45/55% | | **RoHS Status** | "R" suffix indicates RoHS Compliance | --- ### 2. Part Number Decoder To understand the **MHO+63TDD-R** specifically, we can decode the nomenclature: * **MHO:** Series designation (Metal Hollow Oscillator / DIP package). * **+:** Often indicates lead-free/RoHS integration or a specific process enhancement. * **63:** Represents the voltage and stability combination (typically 5V, ±50ppm or ±25ppm depending on the specific catalog year). * **T:** Denotes the **Tristate** function (allows the output to be placed in a high-impedance state). * **DD:** Usually refers to the duty cycle and symmetry requirements (Tight Symmetry). * **-R:** Confirms **RoHS Compliance**. --- ### 3. Key Electronic Features * **Hermetic Seal:** The metal enclosure is resistance-welded to protect the quartz crystal from humidity and atmospheric contaminants, ensuring long-term frequency stability. * **Tristate Capability:** Pin 1 is typically used for the Enable/Disable function. When Pin 1 is low, the oscillator continues to run internally, but the output is disconnected, reducing system noise and allowing for bus sharing. * **Low Jitter:** Designed for clocking microprocessors, DSPs, and high-speed data communications where timing precision is critical. --- ### 4. Typical Pin Configuration (14-pin DIP Style) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or N.C. | Tri-state Control (High = Enable, Low = High Impedance) | | **7** | GND | Ground | | **8** | Output | The generated clock signal | | **14** | Vcc | +5.0V Power Supply | --- ### 5. Common Applications 1. **Industrial Control Systems:** Reliable clocking for PLCs and embedded controllers. 2. **Legacy Computing:** Replacement parts for older motherboards and timing circuits. 3. **Networking Hardware:** Providing stable reference frequencies for routers and switches.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO+63TDD-R unit?
    • ⤷ Do you need the pinout diagram for the 8-pin half-size or 14-pin full-size version?
    • ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?