MHO+62TAG-R
AI

The **MHO+62TAG-R** is a specific electronic component belonging to the category of **Crystal Oscillators**. It is commonly used in telecommunications, networking, and precision timing applications.
---
### 1. Key Technical Specifications
Below are the primary technical characteristics of the MHO+62TAG-R:
| Parameter | Specification |
|:---|:---|
| **Component Type** | Fixed Output Crystal Oscillator |
| **Package / Case** | 14-pin DIP (Dual In-line Package) - 4 pins connected |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V (Standard for MHO series) |
| **Frequency Stability** | ±100 ppm (standard, may vary by sub-grade) |
| **Mounting Type** | Through-Hole |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Nomenclature Breakdown
The part number can be decoded to understand its specific properties:
* **MHO:** Represents the series name (Metal Hollow Oscillator), typically indicating a full-size or half-size 14-pin DIP metal package.
* **+:** Often indicates lead-free or specific environmental compliance.
* **62:** Usually refers to a frequency code or a specific internal revision (often associated with 62.500 MHz in certain manufacturer catalogs).
* **T:** Represents the output type (TTL/CMOS compatible).
* **A:** Temperature range (Standard commercial: 0°C to +70°C).
* **G:** Tightened stability or specific symmetry requirements.
* **-R:** RoHS Compliant.
---
### 3. Functional Pinout
Although it uses a 14-pin DIP footprint, only four pins are active:
| Pin Number | Function | Description |
|:---:|:---|:---|
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock signal |
| **14** | Vcc | Power supply (typically +5V) |
---
### 4. Typical Applications
* **Network Equipment:** Hubs, routers, and switches requiring a stable clock reference.
* **Industrial Control:** Timing for microcontrollers and FPGA logic.
* **Legacy Computing:** Motherboards and peripheral cards that utilize through-hole technology.
- ⤷
What is the exact frequency of the MHO+62TAG-R in MHz?
- ⤷ What are the equivalent surface-mount (SMD) alternatives for this oscillator?
- ⤷ How does the 'Tri-state' function on Pin 1 operate for this specific model?