công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+61FGD-R

  • AI
    The **MHO+61FGD-R** is a specific model within a series of High-Stability Crystal Oscillators (OCXO or high-precision TCXO) or specialized timing modules, often produced by manufacturers like **MtronPTI**. These parts are designed for telecommunications, satellite communications, and high-frequency RF applications where timing precision is critical. ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this part series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator (High Stability) | | **Output Type** | CMOS / HCMOS or Sine Wave | | **Frequency Stability** | ±1.0 ppm to ±0.05 ppm (Temperature dependent) | | **Supply Voltage (Vcc)** | 3.3V or 5.0V DC | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Style** | Through-hole (DIP) or SMD Metal Can | --- ### 2. Functional Electronic Components The internal architecture of an MHO-style oscillator generally consists of three main electronic sections: #### A. The Quartz Crystal Blank The heart of the device is a precision-cut quartz crystal. In the "FGD" variants, this is usually an **AT-cut** or **SC-cut** crystal optimized for low phase noise and high Q-factor. #### B. The Compensation Circuitry * **Varactor Diodes:** Used to "pull" the frequency slightly to compensate for temperature drift. * **Thermistor Network:** Senses the ambient temperature to provide feedback to the compensation circuit. * **ASIC/IC Controller:** Manages the drive level to the crystal to ensure it oscillates reliably without overdriving the quartz. #### C. Output Buffer The "R" in the suffix often denotes a specific **Output Load** or **RoHS compliance**. The output buffer ensures the signal is strong enough to drive downstream components (like an FPGA or MCU) without distorting the waveform. --- ### 3. Application Use Cases Because of its high stability, the MHO+61FGD-R is typically found in: 1. **Base Stations:** Providing the master clock for 4G/5G infrastructure. 2. **Test & Measurement:** Internal clocking for spectrum analyzers and signal generators. 3. **Navigation:** GPS/GNSS disciplined clocks where timing jitter must be minimized. 4. **Network Switches:** Synchronizing high-speed data packets across fiber optic links. --- ### 4. Part Number Breakdown (General) * **MHO:** Series designation (High stability oscillator). * **61:** Physical package size/dimensions code. * **FGD:** Specific frequency stability and temperature range code. * **R:** Usually indicates **RoHS Compliant** (Lead-free).
    ✨ Follow-up Questions
    • ⤷What is the specific frequency range available for the MHO+61FGD-R series?
    • ⤷ How does the phase noise of this part compare to a standard MEMS oscillator?
    • ⤷ What are the footprint dimensions for the 61-style package?