MHO+61FCG-R
AI

The **MHO+61FCG-R** is a specific type of **Crystal Oscillator** manufactured by MtronPTI. This component is crucial in electronic circuits for generating a precise, stable clock signal.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency output |
| **Package Style** | 14-pin DIP (Full size) | Metal "can" package |
| **Output Type** | HCMOS / TTL | Compatible with standard digital logic |
| **Operating Voltage** | 5.0 VDC | Standard power supply for traditional logic |
| **Frequency Stability** | ±100 ppm | Typical stability for this series |
| **Operating Temp** | 0°C to +70°C | Commercial grade temperature range |
| **RoHS Status** | Compliant (-R) | Lead-free construction |
---
### 2. Functional Description
As an active component, the MHO+61FCG-R integrates several internal elements into a single shielded metal package:
* **Quartz Crystal:** The vibrating element that determines the resonant frequency.
* **Oscillator IC:** An internal circuit that provides the gain necessary to start and maintain oscillation.
* **Output Buffer:** Ensures the signal is strong enough to drive multiple digital loads without distorting the waveform.
* **Metal Shielding:** The package is grounded to minimize Electromagnetic Interference (EMI) and protect the signal from external noise.
---
### 3. Pin Configuration (14-pin DIP Layout)
Although it has a 14-pin footprint, usually only 4 pins are physically present or electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | Often used for output enable/disable or left unconnected |
| **7** | GND | System ground |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Typical Applications
This specific part is often found in "legacy" or industrial hardware due to its 5V operation and through-hole package:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs.
* **Networking Equipment:** Timing for data packet synchronization.
* **Test & Measurement:** Stable references for frequency counters.
* **Industrial Controllers:** Rugged timing in PLC or CNC environments.
- ⤷
What is the exact frequency of this specific oscillator model?
- ⤷ How do I test if the MHO+61FCG-R is functioning correctly using an oscilloscope?
- ⤷ What are the modern surface-mount (SMD) alternatives to this 14-pin DIP part?