công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+58TCD-R

  • AI
    ## Electronic Analysis of the MHO+58TCD-R The **MHO+58TCD-R** appears to be a specialized part number typically associated with **TDK-Lambda** or similar power supply manufacturers, often representing a custom or high-density DC-DC converter module or a specific series of microwave/high-frequency oscillators depending on the industry context. Below is a breakdown of the electronic characteristics and components typically found in this class of hardware. --- ### 1. General Specifications Based on standard industrial naming conventions for this type of component: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High-Stability Crystal Oscillator / DC-DC Converter | | **Package Style** | Through-hole (DIP) or Modular Chassis | | **Input Voltage** | Typically 5V or 12V DC | | **Output Frequency** | Usually indicated by the "58" (e.g., 58 MHz) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components The internal architecture of an **MHO (Metal Hermetic Oscillator)** or similar power module consists of several key electronic sections: #### A. The Quartz Crystal Unit The heart of the "MHO" series is a precision-cut quartz crystal. * **Function:** Provides the fundamental resonance frequency. * **Encapsulation:** Housed in a vacuum-sealed metal can to prevent oxidation and frequency drift. #### B. Active Oscillation Circuitry * **Transistors/ICs:** Utilizing Pierce or Colpitts oscillator configurations to sustain the vibration of the crystal. * **Buffer Stage:** An internal amplifier that ensures the output signal is strong enough to drive downstream components without affecting the oscillator's stability. #### C. Power Regulation & Filtering To ensure a "clean" signal, the following parts are included: * **Decoupling Capacitors:** Ceramic capacitors used to filter out high-frequency noise from the power supply. * **Voltage Regulator:** Ensures the internal oscillator receives a constant voltage even if the input fluctuates. --- ### 3. Pinout and Interface Most parts in this series follow a standard 4-pin or 14-pin DIP layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | NC / E/D | No Connect or Output Enable/Disable | | 7 | GND | Circuit Ground | | 8 | Output | The generated clock signal (Square or Sine wave) | | 14 | Vcc | Positive Supply Voltage | --- ### 4. Application Areas * **Telecommunications:** Providing timing for synchronous data transfer. * **Industrial Automation:** Clocking for microcontrollers in harsh environments. * **Medical Equipment:** High-reliability timing for diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the '58' designation in this part number?
    • ⤷ Is there a datasheet available for the TDK-Lambda variant of this module?
    • ⤷ Can this part be substituted with a standard 4-pin CMOS oscillator?