MHO+57TBD-R
AI

The **MHO+57TBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator**. These components are essential in digital electronics for providing a precise and stable clock signal to microprocessors and communication systems.
---
## 1. Technical Specifications
Based on the standard nomenclature for the MHO series (produced by manufacturers like MtronPTI), the specifications are generally as follows:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Type** | 4-Pin SMD (Surface Mount) |
| **Package Size** | ~ 5.0 x 7.0 mm (Industry Standard) |
| **Output Logic** | HCMOS / TTL Compatible |
| **Voltage Supply** | Usually 5.0V (Standard for MHO+ series) |
| **Frequency Range** | Varies (Specific to the "TBD" marking) |
| **RoHS Status** | "R" suffix indicates RoHS Compliant |
---
## 2. Part Number Breakdown
Electronic part numbers are coded to provide specific information about their construction:
1. **MHO**: Represents the series (typically 5V HCMOS/TTL Through-hole or SMD equivalents).
2. **+**: Often indicates a specific stability or temperature enhancement.
3. **57**: Refers to the physical package dimensions (5x7mm).
4. **TBD**: In a general catalog, this stands for "To Be Determined," meaning the specific operating frequency is defined by the customer at the time of order.
5. **-R**: Indicates that the part is Lead-Free and complies with **RoHS** (Restriction of Hazardous Substances) regulations.
---
## 3. Functional Pinout
As a 4-pin SMD oscillator, the pin configuration is standard across the industry:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **Pin 2** | GND | Ground connection |
| **Pin 3** | Output | The generated clock signal (Square wave) |
| **Pin 4** | Vdd | Positive Power Supply (5.0V) |
---
## 4. Key Applications
* **Microcontrollers:** Providing the heartbeat for CPU execution.
* **Networking:** Synchronizing data transmission in Ethernet or Fiber interfaces.
* **Industrial Control:** Used in PLCs and automation hardware due to high reliability.
* **Legacy Systems:** 5V logic is common in older or high-noise industrial environments.
- ⤷
What is the specific frequency required for your application?
- ⤷ Do you need the datasheet for the MtronPTI MHO series?
- ⤷ Are you looking for a lower voltage alternative
- ⤷ such as 3.3V?