công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+57FFD-R

  • AI
    The part number **MHO+57FFD-R** refers to a specific series of **Crystal Oscillators**, typically manufactured by companies like **Mercury Electronic**. These components are essential in digital circuits for providing a stable clock signal. --- ### 1. Technical Specifications The "MHO" series generally represents a High-Output CMOS/TTL compatible crystal oscillator in a standard 14-pin DIP (Dual In-line Package) footprint. | Feature | Specification (Typical for MHO Series) | | :--- | :--- | | **Package Type** | 14-Pin DIP (Full Size) | | **Output Type** | CMOS / TTL | | **Supply Voltage ($V_{DD}$)** | Usually 5.0V (indicated by the '5' in MHO+5) | | **Frequency Stability** | $\pm$25ppm to $\pm$100ppm | | **Operating Temperature** | -10°C to +70°C (Standard) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly, here is the standard breakdown for this nomenclature: * **MHO**: Series Prefix (Metal Half-size or Full-size Crystal Oscillator). * **+5**: Indicates a **5.0V** power supply requirement. * **7**: Often denotes the frequency stability (e.g., $\pm$50ppm or $\pm$100ppm depending on the specific datasheet version). * **F**: Usually indicates the symmetry/duty cycle (Standard 40/60%). * **FD**: Refers to the specific Pin 1 function (often **Tri-state** or Enable/Disable function). * **-R**: **RoHS Compliant**. This confirms the part is lead-free and meets environmental regulations. --- ### 3. Pin Configuration Since this is a standard 14-pin DIP footprint (though only 4 pins are usually physically present), the layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or E/D | No Connection or Enable/Disable (Tri-state) | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock frequency signal | | **14** | $V_{DD}$ | Positive Power Supply (+5V) | --- ### 4. Applications This component is commonly found in "legacy" or industrial hardware where surface-mount technology (SMT) is not used. * **Microprocessor Clocks:** Providing the heartbeat for CPUs. * **Networking Gear:** Timing for routers and switches. * **Test Equipment:** Providing stable references for measurement devices. * **Embedded Systems:** Industrial controllers requiring 5V logic.
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency for the MHO+57FFD-R?
    • ⤷ Can this 5V oscillator be used in a 3.3V logic circuit?
    • ⤷ What are the modern SMT equivalents for this 14-pin DIP oscillator?