công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+57FCD-R

  • AI
    Based on the part number provided, **MHO+57FCD-R** appears to be a specialized high-stability **Oven Controlled Crystal Oscillator (OCXO)** or a related timing component, often associated with telecommunications and high-precision frequency control applications. --- ## 1. Component Identification The prefix "MHO" and the suffix "-R" suggest a modular, high-stability oscillator typically used in infrastructure-grade hardware. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | OCXO (Oven Controlled Crystal Oscillator) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Core Technology** | Quartz crystal enclosed in a temperature-controlled chamber | | **Primary Function** | Providing a stable clock signal unaffected by ambient temperature changes | --- ## 2. Key Technical Characteristics Electronic parts within this category usually possess the following internal characteristics: ### A. The "Oven" Mechanism Unlike standard oscillators (XO) or Temperature Compensated oscillators (TCXO), the MHO series uses an internal heating element and a thermistor. It maintains the crystal at a specific "turnover temperature" (usually around 75°C to 85°C) where the frequency-to-temperature slope is zero. ### B. Pin Configuration and I/O While specific pinouts vary by package size, these parts generally include: * **Vcc:** Power supply (Commonly 3.3V or 5.0V). * **RF Output:** CMOS, HCMOS, or Sinewave output. * **Vcont (Voltage Control):** Allows for fine-tuning of the frequency via an external voltage (Electronic Frequency Tuning). * **GND:** Case and circuit ground. --- ## 3. Typical Performance Table *Note: These values are representative of high-stability OCXOs in the MHO class.* | Feature | Typical Value | | :--- | :--- | | **Frequency Stability** | ±5 ppb to ±50 ppb (parts per billion) | | **Operating Temp Range** | -40°C to +85°C | | **Warm-up Time** | < 3 minutes to reach stabilized frequency | | **Phase Noise** | Very low (e.g., -145 dBc/Hz at 1kHz offset) | | **Aging Rate** | ±0.5 ppb per day | --- ## 4. Common Applications Due to its high precision, this electronic part is utilized in: 1. **Base Stations:** Synchronization in 4G/5G LTE macrocells. 2. **Test & Measurement:** Internal reference clocks for spectrum analyzers. 3. **Network Switching:** Stratum 3/3E timing requirements for SONET/SDH networks. 4. **Satellite Communications:** Ground station timing equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact package size (e.g.
    • ⤷ 14x9mm or 25x25mm) for the MHO+57FCD-R?
    • ⤷ Does this specific model support CMOS or Sinewave output?
    • ⤷ What is the nominal frequency for this specific part number?