MHO+56TGG-R
AI

The **MHO+56TGG-R** is a specific part number belonging to a series of high-performance **Clock Oscillators** (Crystal Oscillators) manufactured by **MtronPTI**.
These components are used to provide a stable frequency reference for digital circuits, microprocessors, and telecommunications equipment.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (DIL) - Often 4 pins connected |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 5.0 Volts (Standard for the "5" prefix) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | Typically ±100ppm, ±50ppm, or ±25ppm (depending on grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
To understand the specific capabilities, we can decode the alphanumeric string:
* **MHO:** Identifies the product series (Metal package, HCMOS/TTL output).
* **+:** Usually indicates a specific lead-free or enhanced version.
* **5:** Represents the operating voltage (5.0V).
* **6:** Often refers to the frequency stability or temperature range (check specific datasheet as this varies by manufacturer revision).
* **T:** Denotes "Tight" stability or specific symmetry requirements.
* **GG:** These codes typically refer to the specific operating temperature range and output load.
* **-R:** Indicates **RoHS Compliance** (Lead-free).
---
### 3. Physical Construction and Pins
The MHO series typically uses a hermetically sealed metal "can" to protect the quartz crystal from environmental interference and electromagnetic interference (EMI).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square wave) |
| **Pin 14** | Vcc | +5.0V Power Supply |
---
### 4. Common Applications
* **Networking:** Routers, switches, and modems.
* **Industrial Control:** Embedded systems requiring a steady 5V clock source.
* **Legacy Computing:** Replacement parts for older motherboards or timing circuits that operate on 5V logic.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷
What is the specific frequency (MHz) for your version of the MHO+56TGG-R?
- ⤷ Do you need help finding a modern 3.3V alternative for this 5V part?
- ⤷ How do you test if this oscillator is functioning correctly on a PCB?