MHO+56TBD-R
AI

The **MHO+56TBD-R** refers to a high-precision, high-frequency **Crystal Oscillator** (specifically a TCXO or a specialized Clock Oscillator) typically manufactured by companies like MtronPTI. These components are essential for providing a stable frequency reference in telecommunications and data processing hardware.
---
### 1. Component Specifications
The alphanumeric code describes the electrical characteristics and physical packaging of the device.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Part Type** | Crystal Oscillator | Provides a fixed-frequency square or sine wave signal. |
| **Output Type** | CMOS / TTL | Standard digital logic output levels. |
| **Supply Voltage** | 5.0V (Typical) | The standard operating voltage for the "MHO" series. |
| **Frequency Range** | 1.0 MHz to 150+ MHz | Depends on the specific factory calibration. |
| **Package Style** | 14-pin DIP (Full Size) | A metal "can" package with 4 active pins. |
| **RoHS Status** | Compliant (-R) | The "R" suffix indicates Lead-Free/RoHS compliance. |
---
### 2. Pinout Configuration
Although it fits in a 14-pin footprint, usually only 4 pins are physically present or functional.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | Often used for Output Enable (OE) or left unconnected. |
| **Pin 7** | Ground (GND) | Connected to the metal case for shielding. |
| **Pin 8** | Output | The generated clock signal. |
| **Pin 14** | Vcc | Positive power supply input. |
---
### 3. Key Electronic Characteristics
* **Frequency Stability:** These oscillators are designed for low "jitter" and high stability, often maintaining precision within ±25ppm to ±100ppm across temperature ranges.
* **Hermetic Sealing:** The metal casing is resistance-welded to protect the quartz crystal from atmospheric moisture and EMI (Electromagnetic Interference).
* **Load Capacitance:** Typically optimized for a 15pF to 50pF load.
---
### 4. Common Applications
Due to its robust metal packaging and reliable through-hole design, it is frequently used in:
* **Legacy Computing:** Motherboards and industrial controllers.
* **Networking:** Routers, switches, and high-speed modems.
* **Test Equipment:** Oscilloscopes and signal generators requiring a steady timebase.
---
- ⤷
What is the exact frequency of the MHO+56TBD-R version you are using?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this oscillator?
- ⤷ What are the thermal operating limits for this specific MtronPTI series?