MHO+56TAG-R
AI

Based on your query, the **MHO+56TAG-R** refers to a specific series of **Metal Oxide Varistors (MOVs)**, typically manufactured by companies like *Thinking Electronic Industrial (TKS)*. These are protective components used to safeguard electronics from voltage surges.
Below is a breakdown of the electronic specifications and characteristics for this component.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its physical and electrical properties.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Material** | Zinc Oxide (ZnO) based ceramic |
| **Configuration** | Radial leaded (Disc shape) |
| **Primary Function** | Over-voltage protection / Surge suppression |
---
### 2. Breakdown of the Part Number
While specific manufacturer datasheets may vary slightly, the code "56TAG-R" generally breaks down as follows:
* **MHO/TVR:** Series designation (High Surge / Thermal protection).
* **56:** Often refers to the **Varistor Voltage** ($V_{1mA}$). In this context, it usually indicates a nominal voltage of **56V** (clamping starts at this point).
* **T:** May indicate "Thermal" protection or a specific lead style (Taped/Straight).
* **A/G:** Tolerance or energy rating codes (typically ±10% tolerance).
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Electrical Characteristics
These parts are designed to act as a "clamping" device. Under normal conditions, they have high resistance; during a surge, their resistance drops instantly to shunt the current.
| Parameter | Typical Value (MHO-56 Series) |
| :--- | :--- |
| **Varistor Voltage ($V_{1mA}$)** | 56V (Range: 50V - 62V) |
| **Max. Allowable AC Voltage** | ~35V RMS |
| **Max. Allowable DC Voltage** | ~45V DC |
| **Max. Clamping Voltage** | ~110V (at specific peak current) |
| **Withstanding Surge Current** | Varies by disc size (e.g., 500A to 2000A) |
| **Operating Temperature** | -40°C to +85°C |
---
### 4. Typical Applications
The MHO+56TAG-R is commonly found in low-voltage circuits to protect against transients caused by lightning, inductive load switching, or electrostatic discharge (ESD).
* **Power Supplies:** Input/Output protection for AC/DC adapters.
* **Automotive:** Protecting 12V/24V systems from load dump transients.
* **Telecommunications:** Protecting line interfaces.
* **Industrial:** Protection for sensors and PLC inputs.
---
### 5. Installation Circuit Example
Varistors are always placed in **parallel** with the load they are protecting.
```mermaid
graph LR
Input_Positive --- Fuse
Fuse --- A(MOV MHO-56)
A --- Load
Input_Negative --- A
Input_Negative --- Load
```
*Note: A fuse is always recommended in series before the MOV to prevent fire in case the MOV fails in a short-circuit state.*
- ⤷
What is the physical disc diameter of the 56TAG-R model?
- ⤷ Can this varistor be used in a 110V AC household power strip?
- ⤷ What are the common failure modes of a Metal Oxide Varistor?