MHO+56FDD-R
AI

The **MHO+56FDD-R** is a high-performance, crystal-based clock oscillator typically manufactured by companies like **MtronPTI**. It is designed for precision timing in electronic circuits.
Below is a detailed breakdown of its specifications, electronic composition, and characteristics.
---
### 1. General Specifications
This component is part of a series of Voltage Controlled Crystal Oscillators (VCXO) or standard Clock Oscillators depending on the specific configuration.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Dual In-line Package) - 4 pins connected |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | 5.0V (Standard) |
| **Frequency Range** | 1.000 MHz to 100.000 MHz (Varies by model) |
| **Stability** | ±50 ppm or ±100 ppm (depending on suffix) |
| **Temperature Range** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) |
---
### 2. Internal Electronic Parts
The "MHO" series integrates several internal components into a single hermetically sealed metal package to ensure frequency stability and low noise.
* **Quartz Crystal:** The heart of the part. A precision-cut quartz wafer that vibrates at a specific frequency when voltage is applied (Piezoelectric effect).
* **Oscillator IC:** An integrated circuit that provides the gain needed to maintain the oscillations and converts the analog sine wave of the crystal into a digital square wave (CMOS/TTL).
* **Load Capacitors:** Internal capacitors tuned to ensure the crystal oscillates at the exact intended frequency.
* **Varactor Diode (if VCXO):** Allows the frequency to be tuned or modulated slightly by an external control voltage.
---
### 3. Pinout Configuration
Although it uses a 14-pin DIP footprint, only four pins are usually functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Control | No Connection or Voltage Control (for VCXO models) |
| **7** | GND | Case and Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Part Number Decoding (Breakdown)
The alphanumeric code provides specific details about the build:
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **+:** Usually denotes RoHS compliance (lead-free).
* **5:** 5.0V Operating Voltage.
* **6:** Stability/Temperature code (often ±50ppm over commercial range).
* **FDD:** Specific internal logic or output format (CMOS/TTL).
* **R:** Packaging suffix (e.g., Tape & Reel or specific revision).
---
### 5. Common Applications
* **Networking:** Providing the "heartbeat" for routers and switches.
* **Industrial Control:** Timing for microprocessors and FPGAs.
* **Legacy Systems:** Often found in older industrial computers or communication hardware requiring a 5V logic level.
- ⤷
What is the difference between a standard crystal and an oscillator like the MHO+56FDD-R?
- ⤷ Can this part be used in 3.3V logic circuits?
- ⤷ What are the common failure modes for hermetically sealed oscillators?