MHO+55FBD-R
AI

## MHO+55FBD-R: Component Overview
The **MHO+55FBD-R** is a high-precision **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by MtronPTI. It is designed for applications requiring high frequency stability over a wide temperature range, typically used in telecommunications and networking equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Package Style** | 5x7mm Surface Mount Device (SMD) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage (Vcc)** | +5.0 VDC |
| **Frequency Range** | Typically 1.0 MHz to 160.0 MHz |
| **Stability** | ±1.0 ppm to ±5.0 ppm (depending on specific variant) |
| **Operating Temp** | -40°C to +85°C (Standard Industrial) |
---
### 2. Internal Electronic Structure
The "MHO" series integrates several internal electronic stages to ensure signal integrity:
1. **Quartz Crystal Resonator:** The heart of the component, providing the fundamental frequency.
2. **Compensation Network:** A thermistor-resistor network that adjusts the load capacitance of the crystal to counteract frequency drift caused by temperature changes.
3. **Oscillator IC:** An active circuit that maintains the oscillation and buffers the output signal.
4. **Voltage Regulator:** Internal circuitry to minimize the impact of input supply voltage fluctuations on the frequency.
---
### 3. Pin Configuration (Typical 4-Pad Layout)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Vcon / NC** | Voltage Control (if VCTCXO) or No Connection |
| **2** | **GND** | Case Ground and Circuit Return |
| **3** | **Output** | HCMOS/TTL Square Wave Signal |
| **4** | **Vcc** | +5.0V Power Supply Input |
---
### 4. Part Number Breakdown: MHO+55FBD-R
* **MHO+:** Series designation (High-frequency TCXO).
* **5:** 5.0 Volt supply voltage.
* **5:** Stability code (often representing ±5.0 ppm or a specific temperature range).
* **F:** Temperature Range code (usually -40°C to +85°C).
* **BD:** Output type and Symmetry (HCMOS).
* **-R:** RoHS Compliant (Lead-free).
---
### 5. Common Applications
* **Wireless Communication:** Base stations and point-to-point radio.
* **Ethernet Switches:** Providing the clock source for high-speed data transmission.
* **GPS/GNSS:** Precision timing for location tracking.
* **Test & Measurement:** Handheld frequency counters and signal generators.
- ⤷
What is the difference between a TCXO like the MHO+ and a standard XO?
- ⤷
Can this part be used with a 3.3V power supply?
- ⤷
How does the 'HCMOS' output affect the circuit design compared to 'Clipped Sine Wave'?