MHO+55FAAD-R
AI

The **MHO+55FAAD-R** is a high-performance **Crystal Oscillator** (specifically a clock oscillator) manufactured by MtronPTI. It is designed to provide a precise frequency reference for electronic circuits.
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Frequency Range** | 1.0 MHz to 156.25 MHz | Standard operating range. |
| **Supply Voltage (Vcc)** | 5.0 Volts | Standard logic level power supply. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic. |
| **Package Style** | 14-pin DIP (Full size) | Metal "Through-Hole" package for robust mounting. |
| **Stability** | ±100 ppm (Typical) | Frequency deviation over temperature and time. |
| **Operating Temp** | 0°C to +70°C | Commercial grade temperature range. |
---
### 2. Physical and Electrical Architecture
The internal structure consists of several critical electronic stages:
1. **Quartz Crystal Blank:** A precision-cut quartz wafer that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect).
2. **Oscillator IC:** An integrated circuit that provides the gain necessary to sustain oscillation and shapes the waveform into a digital square wave.
3. **Bypass Capacitor:** Usually integrated inside the metal can to filter power supply noise and ensure signal integrity.
4. **Metal Shield (EMI Protection):** The entire assembly is housed in a hermetically sealed metal package to prevent Electromagnetic Interference (EMI) from affecting the signal.
---
### 3. Pin Configuration (14-Pin DIP Layout)
Although it has a 14-pin footprint, only four pins are typically functional:
* **Pin 1:** NC (No Connect) or Tri-state Enable (allows the output to be turned off).
* **Pin 7:** Case Ground (Vss).
* **Pin 8:** Output Signal (The clock pulse).
* **Pin 14:** Supply Voltage (+5.0V Vcc).
---
### 4. Typical Applications
This component is used in legacy and industrial systems where stability and a 5V logic level are required:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs and Microcontrollers.
* **Data Communications:** Synchronizing timing for serial and parallel data transfers.
* **Embedded Systems:** Industrial controllers and automation hardware.
* **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What is the difference between this 5V model and the 3.3V versions like the MHO+33 series?
- ⤷ Can this oscillator be used in extreme temperature environments (-40°C to +85°C)?
- ⤷ How does the 'Tri-state' function on Pin 1 work for power saving?