MHO+54TFD-R
AI

The **MHO+54TFD-R** is a specific type of **Crystal Oscillator** (often referred to as a "Clock Oscillator"). It is primarily used to provide a precise and stable frequency reference for digital circuits and microprocessors.
---
### 1. Component Overview
This component is an active oscillator, meaning it contains both the quartz crystal and the necessary oscillation circuitry within a single package. Unlike a passive crystal (which needs external capacitors), this unit only requires a DC power supply to output a square wave.
### 2. Technical Specifications
Based on the standard nomenclature for the MHO series, here are the typical specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Full Size) / 4-pins used |
| **Frequency Stability** | Typically ±50ppm or ±100ppm |
| **Input Voltage (Vcc)** | +5.0V DC (Standard for MHO+ series) |
| **Output Type** | TTL / CMOS Compatible |
| **Operating Temperature** | -10°C to +70°C (Standard) |
| **Termination** | Through-hole (R suffix often denotes RoHS compliance) |
---
### 3. Pin Configuration
Although the package looks like a 14-pin Integrated Circuit (IC), only four pins are actually functional.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No Connection or Output Enable/Disable |
| **7** | GND | Ground (Negative terminal) |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5V Power Supply |
---
### 4. Key Features
* **Integrated Design:** Combines the quartz crystal, transistor, and capacitors into one hermetically sealed metal "can."
* **Stability:** Offers much higher frequency stability than RC (Resistor-Capacitor) or LC (Inductor-Capacitor) oscillators.
* **Shielding:** The metal casing provides excellent Protection against Electromagnetic Interference (EMI).
* **Ease of Use:** Simplifies PCB design because it eliminates the need for tuning or external load capacitors.
---
### 5. Common Applications
* **Microcontrollers:** Providing the "heartbeat" for CPUs and MCUs.
* **Networking:** Clocking for Ethernet controllers or modems.
* **Legacy Hardware:** Frequently found in older industrial equipment and vintage computing boards requiring a 5V logic level.
- ⤷
How does the frequency stability of this oscillator compare to a standard ceramic resonator?
- ⤷ What is the difference between a 14-pin 'Full Size' and an 8-pin 'Half Size' oscillator package?
- ⤷ Can this 5V oscillator be used safely with a 3.3V microcontroller?