MHO+54TDD-R
AI

The **MHO+54TDD-R** is a specific model of a **High-Frequency Oven Controlled Crystal Oscillator (OCXO)**, typically manufactured by companies like Marin (MtronPTI). These components are critical in telecommunications and aerospace applications where precise timing is mandatory.
---
## 1. Technical Specifications
The part number "MHO+54TDD-R" follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | OCXO | Oven Controlled Crystal Oscillator. |
| **Package Style** | 14-pin DIP | Through-hole rectangular package. |
| **Supply Voltage** | +5.0 VDC | Standard operating voltage for the internal heater and oscillator. |
| **Output Type** | HCMOS/TTL | Compatible with standard digital logic levels. |
| **Stability** | ±0.05 ppm to ±0.5 ppm | Maintains frequency despite temperature changes. |
| **RoHS Status** | Lead-Free (R) | The "-R" suffix indicates RoHS compliance. |
---
## 2. Key Internal Components
An OCXO like the MHO+54TDD-R is significantly more complex than a standard crystal. It contains three primary electronic subsections:
### A. The Crystal Resonator
* **Material:** High-quality synthetic quartz.
* **Function:** Provides the base resonant frequency. In this model, the crystal is usually "SC-cut" (Stress Compensated) to minimize sensitivity to mechanical stress and thermal gradients.
### B. The Oven (Thermostat Control)
* **Heating Element:** A power transistor or resistor used to generate heat.
* **Temperature Sensor:** A thermistor that monitors the internal environment.
* **Controller:** A closed-loop feedback circuit (usually an Op-Amp based integrator) that keeps the crystal at a specific "turning point" temperature (typically around 75°C to 85°C), where its frequency-vs-temperature slope is zero.
### C. The Output Buffer
* **Function:** Isolates the oscillator from external load changes to prevent "frequency pulling."
* **Signal:** Ensures a clean square wave (HCMOS) for digital timing circuits.
---
## 3. Pin Configuration
Standard 14-pin DIP OCXOs like this generally follow this layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc (Control Voltage) | Optional pin for electronic frequency tuning (EFC). |
| **7** | Case Ground | Electrical ground and shielding. |
| **8** | Output | The high-precision clock signal. |
| **14** | Vcc | +5V Power Supply input. |
---
## 4. Typical Applications
Because of its high stability, the MHO+54TDD-R is used in:
* **Base Stations:** Synchronizing cellular networks (LTE/5G).
* **Synthesizers:** Providing a reference clock for RF signal generators.
* **Test Equipment:** Used in frequency counters and spectrum analyzers.
---
- ⤷
What is the typical warm-up time for an OCXO like the MHO+54TDD-R?
- ⤷ How does an OCXO differ from a TCXO in terms of power consumption?
- ⤷ What does 'Frequency Pulling' mean in the context of crystal oscillators?