MHO+54TBD-R
AI

The **MHO+54TBD-R** is a specific part number for a **High-Precision Crystal Oscillator** (Clock Oscillator) manufactured by **MtronPTI**. These components are critical in electronics for providing a stable, reliable frequency reference.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature. Here is a breakdown of its primary characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) | A self-contained timing device. |
| **Package Style** | 14-pin DIP (Half-size) | Through-hole mounting, often metal-shielded. |
| **Supply Voltage** | 5.0 V | Typical operating voltage for legacy and industrial systems. |
| **Output Type** | TTL / HCMOS | Compatible with standard logic gate levels. |
| **Frequency Stability** | ±50 ppm to ±100 ppm | Variations based on specific dash-suffixes (TBD specific). |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. |
---
### 2. Physical Design and Pinout
The "MHO" series typically utilizes a metal "Can" package which provides excellent EMI (Electromagnetic Interference) shielding.
* **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable).
* **Pin 7:** Ground (Case Ground).
* **Pin 8:** Output (The clock signal).
* **Pin 14:** Vcc (+5V Supply).
---
### 3. Key Electronic Features
1. **HCMOS/TTL Compatibility:** It can drive multiple logic gates without signal degradation, making it versatile for both older TTL systems and modern CMOS circuits.
2. **Hermetic Sealing:** The metal package is vacuum-sealed or filled with nitrogen to prevent internal quartz oxidation, ensuring long-term frequency aging stability.
3. **Low Jitter:** Designed for timing-sensitive applications where "noise" in the clock signal must be minimized to prevent data errors.
---
### 4. Common Applications
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and Microcontrollers.
* **Industrial Control:** Used in PLC (Programmable Logic Controllers) due to its high temperature tolerance.
* **Networking Gear:** Timing for data transmission in modems and routers.
* **Test & Measurement:** Internal reference for oscilloscopes and signal generators.
---
### 5. Identification Code Decoder
* **MHO:** Series designation (Mtron Half-size Oscillator).
* **5:** 5.0 Volt operation.
* **4:** Stability/Symmetry indicator.
* **TBD:** Internal manufacturing code or customer-specific frequency/tolerance tuning.
* **-R:** RoHS Compliant (Lead-free).
- ⤷
What are the equivalent replacements for the MHO series in modern SMD packages?
- ⤷ How does frequency stability (ppm) affect long-term timing accuracy?
- ⤷ What is the difference between an XO (Crystal Oscillator) and a TCXO?