MHO+54FCG-R
AI

The **MHO+54FCG-R** is a specific part number belonging to the **MHO+ series** of high-performance crystal oscillators manufactured by **MtronPTI**.
These components are frequently used in telecommunications, data processing, and military/aerospace applications where high-frequency stability and reliability are required.
---
### 1. Technical Specifications Table
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Specification (Typical for MHO+ Series) |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Full Size) - 4 pins active |
| **Supply Voltage (Vcc)** | +5.0 VDC (indicated by the '5' in the code) |
| **Operating Temperature** | Commercial or Industrial grades available |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on suffix) |
| **Termination** | RoHS Compliant (indicated by the '-R') |
---
### 2. Part Number Breakdown
The nomenclature for this series can be decoded as follows:
* **MHO+**: The series prefix (High-speed CMOS/TTL 5x7mm or 14-pin DIP standard).
* **5**: Represents the Operating Voltage (5.0 Volts).
* **4**: Represents the Frequency Stability (typically ±50ppm, though this varies by manufacturer chart).
* **F**: Represents the Duty Cycle (typically 40/60% or 45/55%).
* **C**: Represents the Temperature Range (usually Commercial: 0°C to +70°C).
* **G**: Represents the specific "Full Size" 14-pin DIP package configuration.
* **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Features
#### A. Output Logic
The device provides a square wave output. Because it is **CMOS/TTL compatible**, it can drive high-speed digital logic gates directly without needing additional buffering, provided the load capacitance is within limits (usually 15pF to 50pF).
#### B. Thru-Hole Design
The **14-pin DIP** footprint (though it only uses 4 pins: Vcc, Ground, Output, and an optional Tri-state/NC) is designed for through-hole mounting. This makes it ideal for:
* Robust industrial environments.
* Prototyping on breadboards or perf-boards.
* Legacy system repairs.
#### C. Tri-state Functionality
Most parts in this series include an **Enable/Disable** function on Pin 1. When the pin is pulled low, the output goes into a high-impedance state, allowing for power saving or bus sharing.
---
### 4. Common Applications
* **Networking:** Clock generation for Ethernet controllers.
* **Embedded Systems:** Master clock for Microprocessors and FPGAs.
* **Industrial Control:** Timing for PLCs and automation hardware.
* **Testing Equipment:** Signal generators and frequency counters.
- ⤷What is the exact frequency of this specific MHO+54FCG-R unit?
- ⤷ Can this oscillator be used in a 3.3V circuit safely?
- ⤷ What are the pinout assignments for a standard 14-pin DIP crystal oscillator?