MHO+53TGD-R
AI

The **MHO+53TGD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Part Number Breakdown (Typical)
While specific manufacturer coding can vary slightly, the nomenclature generally breaks down as follows:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MHO** | Series Type | Metal Hybrid Oscillator (usually Thru-Hole) |
| **+** | RoHS Compliance | Lead-free / RoHS compliant part |
| **5** | Operating Voltage | Typically indicates 5.0V DC power supply |
| **3** | Stability | Often represents ±50ppm or ±100ppm stability (varies by datasheet) |
| **T** | Temperature Range | Industrial temperature range (-40°C to +85°C) |
| **GD** | Output Type | CMOS / TTL compatible output logic |
| **R** | Frequency / Packaging | Specific frequency code or Tape & Reel packaging |
---
### 2. Technical Specifications
These parts are designed for reliability in industrial and communication hardware.
* **Package Style:** 14-pin DIP (Thru-hole), though usually only 4 pins are present (DIP-4 footprint).
* **Frequency Range:** Typically available from 1.000 MHz to 150.000 MHz.
* **Supply Voltage ($V_{cc}$):** 5.0V ± 10%.
* **Output Waveform:** Square wave (CMOS/TTL).
* **Symmetry/Duty Cycle:** 40/60% to 45/55%.
---
### 3. Pinout Configuration
The MHO series usually follows the standard 4-pin oscillator layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | $V_{cc}$ | Positive Power Supply (+5V) |
---
### 4. Common Applications
1. **Microcontrollers:** Providing the primary clock source for CPUs.
2. **Networking:** Timing for Ethernet controllers and switches.
3. **Industrial Controls:** Stable frequency generation in high-temperature environments.
4. **Legacy Hardware:** Replacement parts for older boards requiring 5V logic.
---
- ⤷What is the exact frequency of the 'R' suffix for this specific oscillator?
- ⤷ Can this 5V oscillator be used in a 3.3V circuit safely?
- ⤷ What is the difference between the MHO series and the MHE series?