MHO+52TBD-R
AI

The **MHO+52TBD-R** is a specific part number belonging to a series of **high-stability crystal oscillators** manufactured by MtronPTI. These components are used to generate a precise frequency signal for electronic circuits.
### 1. Part Number Breakdown
While manufacturer coding can vary slightly by production year, the MHO+ series typically follows this convention:
| Code Segment | Meaning | Specification Details |
| :--- | :--- | :--- |
| **MHO+** | Series Name | High-reliability, HC-49/U or Large Thru-hole Oscillator |
| **5** | Voltage Supply | Typically indicates **5.0V DC** operation |
| **2** | Stability/Temp | Represents frequency stability (often ±50ppm) |
| **T** | Output Type | **TTL / CMOS** compatible output |
| **BD** | Temperature Range | Usually denotes **-40°C to +85°C** (Industrial) |
| **R** | RoHS Compliance | Indicates the part is **Lead-Free / RoHS compliant** |
---
### 2. Technical Specifications
These oscillators are "active" components, meaning they require a power source to function, unlike passive crystals.
* **Frequency Range:** Usually customized (often between 1.0 MHz to 150 MHz).
* **Package Type:** 14-pin DIP (Dual In-line Package) metal canister (Full Size).
* **Operating Voltage:** 5.0V (Standard for the "5" designation).
* **Output Load:** 15pF to 50pF.
* **Symmetry/Duty Cycle:** 40/60% to 45/55%.
---
### 3. Pin Configuration (14-Pin DIP Package)
Standard 14-pin DIP oscillators only utilize 4 physical pins in the corners:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5V Power Supply |
---
### 4. Common Applications
Due to its rugged through-hole design and 5V logic, this part is commonly found in:
* **Legacy Computing:** Older industrial motherboards and controllers.
* **Telecommunications:** Timing synchronization in networking hardware.
* **Industrial Controls:** Systems requiring high reliability in harsh temperature environments.
* **Test Equipment:** Signal generators and measurement devices.
- ⤷
What is the specific frequency printed on your MHO+52TBD-R unit?
- ⤷ Can this 5V oscillator be used in a 3.3V logic circuit safely?
- ⤷ What is the difference between this active oscillator and a standard 2-pin passive crystal?