MHO+52FCG-R
AI

The **MHO+52FCG-R** is a specific series of high-precision, high-stability **Crystal Oscillators** (specifically categorized under the MHO series by manufacturers like MtronPTI). These components are essential in providing a stable clock signal for digital circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "MHO" series typically refers to **Metal Hybrid Oscillators**. These are active components, meaning they require a power supply to generate a continuous square wave output at a predefined frequency.
### 2. Technical Specifications
While specific data can vary slightly based on the full part number suffix, the standard parameters for this series are:
| Parameter | Specification |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Full Size) or 8-pin DIP (Half Size) Metal Can |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | Typically +5.0V DC (indicated by the '5' in the code) |
| **Frequency Stability** | ±100ppm to ±25ppm (depending on grade) |
| **Operating Temperature** | 0°C to +70°C (Standard) or -40°C to +85°C (Industrial) |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
### 3. Pin Configuration (Typical 14-pin DIP)
For the standard metal package, the internal connections are usually as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / ED | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Power Supply (+5V) |
---
### 4. Key Features
* **Hermetic Seal:** The metal "can" package is vacuum-sealed or filled with nitrogen to protect the quartz crystal from humidity and oxidation, ensuring long-term frequency stability.
* **Low Jitter:** Designed to provide a clean timing signal with minimal phase noise, which is critical for high-speed data communication.
* **Built-in Load Capacitance:** Unlike passive crystals, this oscillator includes the necessary oscillation circuitry and load capacitors internally.
### 5. Common Applications
* **Microprocessors:** Providing the master clock for CPU operations.
* **Networking:** Timing for Ethernet controllers and routers.
* **Embedded Systems:** Industrial controllers requiring 5V logic levels.
* **Legacy Hardware:** Often used in older computer repairs or industrial equipment due to the through-hole (DIP) form factor.
---
### 6. Decoding the Part Number (General Logic)
* **MHO:** Series Prefix (Metal Hybrid Oscillator).
* **+:** Often indicates RoHS compliance or a specific revision.
* **5:** Indicates 5.0 Volt operation.
* **2:** Often refers to the frequency stability grade (e.g., +/- 50ppm).
* **F:** Frequency control or specific temperature range indicator.
* **CG:** Symmetry or Output Load characteristics.
* **R:** RoHS Compliant.
- ⤷
What is the exact frequency of your specific MHO+52FCG-R unit?
- ⤷ How does an active oscillator differ from a passive quartz crystal in a circuit?
- ⤷ What are the alternatives if a through-hole DIP package is too large for a modern PCB?