MHO+51TCD-R
AI

The **MHO+51TCD-R** is a specific model of a **Quartz Crystal Oscillator**, typically manufactured by companies like **Mercury Electronic**. These components are fundamental in electronics for generating a stable clock signal required by microprocessors and digital circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | TCXO | Temperature Compensated Crystal Oscillator. |
| **Output Type** | CMOS / TTL | Standard logic levels for digital circuits. |
| **Package** | 14-pin DIP (Full size) | Through-hole rectangular metal can. |
| **Stability** | ±1.5 ppm to ±5.0 ppm | High precision across temperature ranges. |
| **Voltage** | 5.0V (Standard) | Standard operating voltage for "5" series. |
| **Frequency Range** | 1.0 MHz ~ 160 MHz | Varies based on specific factory calibration. |
---
### 2. Key Components & Construction
The "MHO" series is built using several internal electronic sub-parts integrated into the metal housing:
1. **Quartz Crystal Blank:** The core vibrating element that determines the fundamental frequency.
2. **Compensation Network:** A specialized circuit (thermistor-based) that adjusts the capacitance to counteract frequency drift caused by temperature changes.
3. **Oscillator IC:** An internal integrated circuit that maintains the oscillation and provides the output buffer.
4. **Metal Shielding:** The outer casing acts as a Faraday cage to protect the signal from Electromagnetic Interference (EMI).
---
### 3. Pin Configuration (Internal Mapping)
Since this is a standard 14-pin DIP package, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Vcont | No connection or Voltage Control (if it's a VCTCXO). |
| **7** | GND | Circuit Ground. |
| **8** | Output | The generated clock signal (Square wave). |
| **14** | Vdd | Power Supply (+5V). |
---
### 4. Applications
Because the **TCD** variant offers temperature compensation, it is used in environments where frequency stability is critical:
* **Telecommunications:** Base stations and radio hardware.
* **Measurement Tools:** Frequency counters and high-end multimeters.
* **Legacy Computing:** Industrial motherboards requiring stable 5V timing signals.
---
- ⤷
What is the difference between a standard XO and the TCXO version like the MHO+51TCD-R?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?
- ⤷ Are there modern SMD equivalents for this 14-pin DIP package?