công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+51FDD-R

  • AI
    The **MHO+51FDD-R** is a specific part number typically associated with **Micro-Relays** or **Solid State Relays (SSRs)**, often used in telecommunications and industrial automation. --- ### 1. Component Overview Based on standard naming conventions for this series (often manufactured by companies like **NEC/TOKIN** or similar specialized relay producers), this component is a high-performance relay designed for PCB mounting. | Specification | Typical Value | | :--- | :--- | | **Part Type** | Miniature Signal Relay / Photocoupler | | **Package Type** | DIP (Dual In-line Package) or SIP | | **Mounting** | Through-hole (THT) | | **Application** | Switching, Signal Isolation, Logic Control | ### 2. Key Electronic Characteristics The alphanumeric code provides insights into its internal construction: * **MHO/MHD Series:** Usually denotes a high-reliability miniature relay series designed for low power consumption. * **51:** Often indicates the nominal coil voltage or specific contact configuration (e.g., 5V DC). * **FDD:** Refers to the sealing method and contact material. "F" typically implies a sealed, washable construction, while "DD" often signifies double-pole configurations or specific contact plating (like Gold-clad Silver). * **-R:** Generally stands for **RoHS Compliant**, meaning the component is free from hazardous substances like lead. ### 3. Pinout & Internal Logic Most relays in this class follow a standard internal schematic: ```text +---[ Coil ]---+ | (Pins 1-16) | | | [COM]----[NC] [NO] (Common) (Closed) (Open) ``` ### 4. Typical Applications These parts are engineered for precision and are commonly found in: 1. **Modems & Fax Machines:** For line switching and pulse dialing. 2. **Test & Measurement Equipment:** Used in matrix switching for multimeters or oscilloscopes. 3. **Security Systems:** Used to trigger alarms or gate controls where galvanic isolation is required. 4. **PLC Modules:** Serving as the interface between low-power logic and high-power output. --- ### 5. Technical Precautions * **Surge Protection:** If driving this relay with a transistor, always include a **Flyback Diode** across the coil to prevent Back-EMF damage. * **Contact Rating:** Do not exceed the rated current (typically 1A to 2A for this series) as it will cause contact welding. * **Sensitivity:** These are often "Sensitive" type coils, meaning they require very little current to actuate.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the MHO+51FDD-R?
    • ⤷ Can this relay be used for AC load switching?
    • ⤷ What are the recommended replacement parts if this model is obsolete?