MHO+47FCG-R
AI

The part number **MHO+47FCG-R** refers to a high-precision, industrial-grade **Quartz Crystal Oscillator** typically manufactured by companies like **MtronPTI**.
Below is a breakdown of the electronic specifications, nomenclature, and functional characteristics of this component.
---
### 1. Technical Specifications
The part belongs to the **MHO series**, which are metal-can, through-hole oscillators known for their reliability in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Clock Oscillator (Fixed Frequency) |
| **Package Type** | 14-pin DIP (Full Size) - 4 pins connected |
| **Frequency Range** | Typically fixed (refer to label for specific MHz) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | +5.0 VDC (Standard for MHO series) |
| **Frequency Stability** | ±100ppm to ±25ppm (depending on sub-grade) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
### 2. Part Number Deciphering
To understand the specific electronic behavior, we can break down the alphanumeric code:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MHO** | Series Name | Metal Hole Oscillator (14-pin DIP footprint). |
| **+** | Voltage Symbol | Indicates positive voltage operation (5V). |
| **4** | Stability Code | Often represents ±50ppm or ±25ppm stability. |
| **7** | Duty Cycle | Represents a 40/60% or 45/55% tight duty cycle. |
| **F** | Temperature Range | "F" usually denotes Industrial range (-40°C to +85°C). |
| **CG** | Configuration | Internal design code for output load (e.g., 15pF or 50pF). |
| **-R** | Compliance | RoHS Lead-Free compliant. |
---
### 3. Pin Configuration
Since this is a standard 14-pin DIP package, only four pins are active. The electronic footprint is as follows:
```text
Top View
+-----------+
1 | [ ] [ ] | 14 (Vcc / Power)
| |
7 | [ ] [ ] | 8 (Output Signal)
+-----------+
```
* **Pin 1:** N/C (No Connection) or Tri-state Enable/Disable.
* **Pin 7:** Case Ground (Vss).
* **Pin 8:** Output (Square wave signal).
* **Pin 14:** Supply Voltage (+5V).
---
### 4. Key Electronic Applications
This component is used to provide a stable clock pulse for digital circuits.
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and MCUs.
* **Embedded Systems:** Used in industrial controllers where temperature fluctuations are common.
* **Legacy Hardware:** Maintenance and repair of older networking equipment that requires 5V logic.
- ⤷
What is the exact frequency marked on your specific unit?
- ⤷ How does the 'F' temperature rating compare to 'Commercial' grade oscillators?
- ⤷ Can this 5V oscillator be used with 3.3V logic systems safely?