MHO+46TFG-R
AI

The **MHO+46TFG-R** is a specific part number typically associated with **Temperature Compensated Crystal Oscillators (TCXO)** or high-precision timing components manufactured by companies like MtronPTI. These components are critical for frequency control in communication and navigation systems.
---
### 1. Technical Specifications
Below is a summary of the typical characteristics for this series of electronic components:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Style** | Through-hole (DIP-14 or DIP-8 compatible footprint) |
| **Frequency Range** | Usually 1.0 MHz to 160.0 MHz (Specific to exact sub-model) |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Output Type** | CMOS / TTL Compatible |
| **Stability** | ±1.0 ppm to ±5.0 ppm (over temperature range) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Breakdown
The MHO+46TFG-R serves as the "heartbeat" of a circuit. Here are the core functional blocks:
1. **Crystal Resonator:** A quartz crystal that vibrates at a specific frequency when voltage is applied.
2. **Compensation Network:** Unlike standard oscillators, this part contains a thermistor-based network that senses ambient temperature and adjusts the load capacitance to keep the frequency stable.
3. **Output Buffer:** A transistor-based stage that strengthens the signal so it can drive other integrated circuits (ICs) without degrading.
4. **RoHS Compliance:** The **"-R"** suffix typically denotes that the part is Lead-Free and RoHS compliant.
---
### 3. Application Areas
These parts are engineered for environments where frequency drift due to temperature changes would cause system failure:
* **Telecommunications:** Base stations and microwave transmission.
* **GPS Receivers:** Precision timing for satellite signal acquisition.
* **Test Equipment:** Frequency counters and synthesizers.
* **Embedded Systems:** Industrial controllers requiring long-term timing stability.
---
### 4. Part Number Decoder (Typical)
While internal naming conventions vary, the "MHO" series generally breaks down as follows:
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **4:** Voltage/Package size indicator.
* **6:** Stability/Temperature grade.
* **TFG:** Output logic type (e.g., HCMOS) and Pin configuration.
* **R:** RoHS compliant.
- ⤷
What are the pinout configurations for the MHO series DIP-14 package?
- ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
- ⤷ Is the MHO+46TFG-R compatible with 3.3V logic systems?