MHO+45TGD-R
AI

The **MHO+45TGD-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are critical for providing stable timing signals in telecommunications and aerospace applications.
### 1. Technical Specifications
The model number "MHO+45TGD-R" follows a specific naming convention that defines its electronic characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency reference |
| **Package Style** | 14-pin DIP (Full Size) | Metal thru-hole package for EMI shielding |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic |
| **Operating Voltage** | 5.0 Volts | Standard supply voltage for legacy and industrial systems |
| **Stability** | $\pm$ 50 ppm to $\pm$ 100 ppm | Frequency stability over temperature range |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly |
---
### 2. Key Internal Components
The device is an integrated module consisting of several sub-parts:
1. **Quartz Crystal Blank:** The heart of the part, providing the mechanical resonance.
2. **Oscillator IC:** An internal integrated circuit that maintains the vibration of the crystal and converts it into a square wave output.
3. **Bypass Capacitor:** Internal capacitance to reduce power supply noise.
4. **Hermetic Metal Header:** A sealed metal "can" (DIP-14) that protects the quartz from moisture and provides electromagnetic interference (EMI) shielding.
---
### 3. Pin Configuration (Typical)
Standard 14-pin DIP oscillators like the MHO series use the following layout:
```text
Pin 1: N/C or Tristate (Enable/Disable)
Pin 7: Ground (Case Ground)
Pin 8: Output (Clock Signal)
Pin 14: Vcc (+5.0V)
```
---
### 4. Common Applications
* **Networking Hardware:** Providing the base clock for Ethernet switches and routers.
* **Industrial Control:** Timing for PLCs and embedded controllers.
* **Legacy Computing:** Replacement parts for older motherboards and timing circuits.
* **Test & Measurement:** Stable time-bases for oscilloscopes and frequency counters.
- ⤷
What is the difference between an XO and a TCXO in terms of frequency stability?
- ⤷ How does the 'Tristate' function on Pin 1 work for this oscillator?
- ⤷ What are the thermal soldering requirements for the -R (RoHS) version?