MHO+45FAAG-R
AI

The **MHO+45FAAG-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, specifically in a Full-Size (14-pin DIP) metal package. These components are used to generate a precise clock frequency for digital circuits.
---
### 1. Technical Specifications
Below are the typical characteristics of the MHO+ series oscillators (manufactured by companies like MtronPTI):
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Frequency** | Determined by the specific marking (often in MHz) |
| **Package Type** | 14-Pin DIP (Full Size) Metal Can |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Usually +5.0V DC |
| **Stability** | Generally ±50ppm or ±100ppm |
| **Operating Temp** | 0°C to +70°C (Standard Commercial) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **MHO:** Series identifier (High-speed CMOS/TTL Oscillator).
* **+:** Often indicates a specific lead-free or enhanced version.
* **45:** This usually refers to the stability and duty cycle (e.g., 45/55% duty cycle).
* **F:** Frequency stability code (often ±100ppm).
* **AA:** Operating temperature range (usually 0 to 70°C).
* **G-R:** "G" may refer to the pin configuration (Grounded case), and **"-R"** signifies **RoHS Compliance**.
---
### 3. Pin Configuration (14-Pin DIP Package)
Even though the package has 14 pins physically, only 4 are usually electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Ground / Case Ground |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | $V_{cc}$ | Power Supply (+5V) |
---
### 4. Common Applications
* **Microprocessors:** Providing the base heartbeat for CPUs.
* **Embedded Systems:** Timing for microcontrollers and FPGAs.
* **Legacy Hardware:** Industrial motherboards and communication equipment.
* **Data Processing:** Synchronization for serial and parallel data buses.
- ⤷
What is the specific output frequency marked on your component?
- ⤷ Can this oscillator be used in a 3.3V circuit?
- ⤷ What are the modern SMT equivalents for this 14-pin DIP oscillator?