MHO+45FAAD-R
AI

The **MHO+45FAAD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **MtronPTI**. These components are critical for providing a stable clock signal in electronic circuits.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical behavior. While exact parameters can vary slightly by manufacturer series, here is the standard profile:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | An active oscillator that includes the crystal and the oscillation circuit. |
| **Package / Case** | 14-pin DIP (Half-size) | Usually a 4-pin metal package that fits into a standard 14-pin DIP footprint. |
| **Supply Voltage** | 5.0V DC | Operates on a standard 5-volt power rail. |
| **Output Type** | CMOS / TTL | Provides a square wave output compatible with standard logic gates. |
| **Stability** | ±100 ppm (Typical) | Frequency stability over the operating temperature range. |
| **RoHS Status** | Compliant (-R) | The "R" suffix typically denotes Lead-Free/RoHS compliance. |
---
### 2. Pin Configuration
For this "Half-size" DIP package, the pinout is generally standardized as follows:
1. **Pin 1 (NC or Tri-state):** No connection or an Enable/Disable function.
2. **Pin 7 (GND):** Connected to the system ground.
3. **Pin 8 (Output):** The clock signal output (Square Wave).
4. **Pin 14 (Vcc):** +5V Power supply.
---
### 3. Key Applications
Because of its high stability and standard 5V operation, the MHO+45FAAD-R is used in:
* **Legacy Computing:** Microprocessor clocking for older 8-bit or 16-bit systems.
* **Industrial Controls:** Timing for PLCs and automation hardware.
* **Networking:** Synchronizing data transmission in modems or routers.
* **Test Equipment:** Providing a reference frequency for measuring devices.
---
### 4. Decoding the Part Number (General Breakdown)
| Segment | Meaning |
| :--- | :--- |
| **MHO** | Series Identifier (Metal Clock Oscillator, Half-size). |
| **+** | Positive Logic or Lead-free designation. |
| **45** | Frequency Stability code (Often ±50ppm or ±100ppm). |
| **F** | Temperature Range (e.g., 0°C to +70°C). |
| **AA** | Frequency specific code or custom internal designation. |
| **D** | Duty Cycle (e.g., 40/60% or 45/55%). |
| **-R** | RoHS Compliant. |
---
### 5. Circuit Integration Example
To use this part, you generally need a 0.01µF to 0.1µF decoupling capacitor placed close to the Vcc pin.
```c
// Typical Connection Diagram
[Vcc 5V] ----+---- [Pin 14]
|
[C1 0.1uF]
|
[GND] -------+---- [Pin 7]
[Microcontroller] <--- [Pin 8 (Output)]
```
- ⤷What is the exact frequency of the MHO+45FAAD-R?
- ⤷ Can I substitute a 3.3V oscillator for this 5.0V model?
- ⤷ How does frequency stability (ppm) affect high-speed communication?