AI

The **MHO+44TFG-R** is a specific part number belonging to a series of high-precision **Crystal Oscillators** (specifically categorized under Clock Oscillators or Crystal Units), typically manufactured by companies like **Mercury Electronic**.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part.
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical and physical properties:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) | A complete integrated circuit that generates a clock signal. |
| **Package Style** | 14-Pin DIP (Full Size) | Metal thru-hole package with a rectangular shape. |
| **Output Type** | TTL / HCMOS | Compatible with standard digital logic levels. |
| **Lead Finish** | RoHS Compliant (R) | The "-R" suffix indicates Lead-Free/RoHS compliance. |
---
### 2. Pinout Configuration
For the standard 14-pin DIP package used by the MHO series, only four pins are typically functional:
| Pin Number | Designation | Function |
| :--- | :--- | :--- |
| **Pin 1** | NC / OE | No Connection or Output Enable/Disable control. |
| **Pin 7** | GND | Circuit Ground (Case is usually grounded). |
| **Pin 8** | OUTPUT | The generated frequency (Square Wave). |
| **Pin 14** | Vcc | Positive Power Supply (Commonly +5.0V or +3.3V). |
---
### 3. Key Electronic Features
* **Frequency Stability:** These units are designed for high stability, typically ranging from $\pm 25\text{ppm}$ to $\pm 100\text{ppm}$ depending on the specific sub-grade.
* **Operating Voltage:** Most MHO series parts operate at **5.0V DC**, though variants exist for lower voltages.
* **Waveform:** It produces a square wave output suitable for driving microprocessors, FPGAs, and other digital logic circuits.
* **Hermetic Sealing:** The metal "Full Size" can is resistance-welded to provide a hermetic seal, protecting the quartz crystal from humidity and contaminants.
### 4. Part Number Decoding (Typical)
While exact definitions can vary by manufacturer, the "MHO+44TFG-R" string usually breaks down as:
1. **MHO:** Series designation (Metal Hermetic Oscillator).
2. **+:** Often indicates a specific voltage or lead-free process.
3. **44:** Often refers to a frequency stability code (e.g., $\pm 25\text{ppm}$).
4. **T:** Temperature range (e.g., $-40^\circ\text{C}$ to $+85^\circ\text{C}$).
5. **F:** Full size (14-pin DIP footprint).
6. **G:** Output logic (e.g., HCMOS/TTL).
7. **-R:** RoHS Compliant.
---
### 5. Common Applications
* **Legacy Computing:** Providing master clock signals for older CPU architectures.
* **Industrial Control:** Timing for PLC (Programmable Logic Controllers).
* **Networking:** Synchronizing data transmission in telecommunications equipment.
* **Test & Measurement:** Internal reference clocks for oscilloscopes or counters.
- ⤷
What is the exact frequency of your specific MHO+44TFG-R unit?
- ⤷ Can this oscillator be replaced with a smaller SMD equivalent?
- ⤷ How do I test if the oscillator is outputting a signal using an oscilloscope?