công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+44FFG-R

  • AI
    The **MHO+44FFG-R** is a specific part number typically associated with a **Precision Crystal Oscillator**. It is manufactured by MtronPTI (MHO series). These components are critical in electronic circuits for providing a stable clock signal or frequency reference. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MHO series, here are the likely technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | 14-pin DIP (Full Size) / 4-pin active | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage** | 5.0V (Common for MHO series) | | **Stability** | ±100ppm to ±25ppm (depending on suffix) | | **Operating Temperature** | 0°C to +70°C (Standard Commercial) | | **Frequency Range** | Usually 1.0 MHz to 100.0 MHz | ### 2. Breakdown of the Part Number * **MHO:** Identifies the product series (Metal Thru-Hole, 5.0V, HC/TTL). * **+:** Often indicates RoHS compliance (Lead-free). * **44:** Typically refers to the frequency stability (e.g., ±25ppm or ±50ppm) and duty cycle. * **F:** Frequency code or specific temperature range indicator. * **G:** Symmetry/Output type code. * **R:** Usually denotes "RoHS Compliant" or a specific revision. --- ### 3. Functional Pinout (14-pin DIP Package) Although it has a 14-pin footprint, only 4 pins are physically active in these oscillators: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-state | No connection or Output Enable/Disable | | **7** | GND | Case Ground | | **8** | Output | The generated clock signal | | **14** | +Vcc | Positive power supply (+5.0V) | --- ### 4. Common Applications This electronic part is used in legacy and industrial equipment where space is available for through-hole components: * **Microprocessor Clocks:** Providing the heartbeat for CPUs. * **Telecommunications:** Timing for data transmission. * **Industrial Control:** Synchronization of logic gates in PLC or control boards. * **Embedded Systems:** Stable frequency source for UART/Serial communications. --- ### 5. Selection Considerations When replacing or designing with this part, keep the following in mind: 1. **Supply Voltage:** Ensure your rail is exactly 5V, as many modern oscillators are 3.3V. 2. **Stability:** Check if your application requires high precision (low ppm) or if standard stability is sufficient. 3. **Termination:** Since it is a through-hole (DIP) part, ensure the PCB layout matches the 14-pin "full-size" oscillator footprint.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of your MHO+44FFG-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
    • ⤷ How does frequency stability (PPM) affect your circuit's performance?