công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+43FGG-R

  • AI
    The **MHO+43FGG-R** (often associated with high-precision crystal oscillators or specific RF components) typically refers to a **Thru-Hole Crystal Oscillator** manufactured by companies like MtronPTI. These components are designed for high stability and reliability in telecommunications and industrial equipment. ### 1. Technical Specifications The part number usually breaks down into specific physical and electrical characteristics. Below are the typical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Package Type** | 14-pin Dip (Full Size) / 4-pin active | | **Output Type** | CMOS / TTL | | **Frequency Stability** | ±25ppm to ±100ppm (depending on suffix) | | **Operating Voltage** | 5.0V (Standard for "MHO" series) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Through-Hole | --- ### 2. Key Components & Construction The internal architecture of this electronic part consists of three primary stages: 1. **Quartz Crystal Blank:** A precision-cut quartz wafer that determines the fundamental frequency of the device via the piezoelectric effect. 2. **Oscillator IC:** A low-noise integrated circuit that provides the necessary gain to maintain oscillation and converts the analog sine wave into a digital square wave (CMOS/TTL). 3. **Bypass Capacitance:** Internal ceramic capacitors used to stabilize the power supply rail and reduce electromagnetic interference (EMI). --- ### 3. Pin Configuration (Typical) For a standard 4-pin configuration within the 14-pin DIP footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / E/D | No Connection or Output Enable/Disable | | **7** | GND | Circuit Ground | | **8** | Output | Frequency Output Signal | | **14** | Vcc | Supply Voltage (+5.0V) | --- ### 4. Applications Due to its high stability and through-hole design, the **MHO+43FGG-R** is commonly used in: * **Legacy Networking:** Routers and switches requiring a stable clock source. * **Industrial Controllers:** PLC systems where mechanical robustness is needed. * **RF Equipment:** Local oscillators for frequency synthesis. * **Prototyping:** Preferred for breadboarding and manual PCB assembly due to the DIP package.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO+43FGG-R unit?
    • ⤷ How does the 'Output Enable' function work on Pin 1?
    • ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?