MHO+43FAAD-R
AI

The **MHO+43FAAD-R** is a specific electronic component within the **Clock Oscillator** family, manufactured by **MtronPTI**. It belongs to the MHO series, which is known for high-reliability quartz crystal oscillators.
---
### 1. Component Specification Table
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | MtronPTI |
| **Component Type** | XO (Standard Clock Oscillator) |
| **Package / Case** | 14-pin DIP (DIP-14) |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz |
| **Supply Voltage** | +5.0 VDC (Nominal) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100 ppm (Standard for this series) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific coding convention used by MtronPTI:
* **MHO**: Series designation (High-reliability 14-pin DIP package).
* **+**: Lead-free / RoHS Compliant.
* **4**: Stability rating (±100 ppm).
* **3**: Temperature Range (3 usually denotes -40°C to +85°C).
* **F**: Duty Cycle (Standard 40/60% or 45/55%).
* **AA**: Output Type (CMOS/TTL).
* **D**: Pin 1 Connection (e.g., Output Enable or No Connect).
* **-R**: Frequency or specific customer revision indicator.
---
### 3. Pin Configuration (DIP-14)
While the physical housing is the size of a 14-pin DIP, only four pins are typically present:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable. |
| **7** | Ground (GND) | Case and circuit ground. |
| **8** | Output | The generated clock signal. |
| **14** | Vcc | +5.0V Power Supply. |
---
### 4. Common Applications
* **Legacy Computing:** Providing master clock signals for older CPU architectures.
* **Industrial Controls:** Stable timing for PLC (Programmable Logic Controllers).
* **Networking:** Synchronizing data transmission in telecommunications equipment.
* **Test & Measurement:** Internal timing reference for oscilloscopes or signal generators.
- ⤷
What is the difference between this 14-pin DIP oscillator and a modern SMD oscillator?
- ⤷ How does the Output Enable function on Pin 1 affect power consumption?
- ⤷ Can this oscillator operate at 3.3V instead of 5V?