MHO+41TAG-R
AI

The **MHO+41TAG-R** is a high-performance, surface-mount (SMD) clock oscillator manufactured by **MtronPTI**. It belongs to the MHO+ series, which is known for providing stable timing references in a compact package.
---
### 1. Technical Specifications
The following table highlights the primary electrical characteristics of the MHO+41TAG-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 5.0 Volts (Nominal) |
| **Frequency Stability** | ±100 ppm (Typical for this series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | 4-Pad Ceramic SMD |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Part Number Breakdown
To understand the specific features of this component, we can look at the nomenclature used by MtronPTI:
* **MHO+**: Product series (HCMOS/TTL Clock Oscillator).
* **4**: Indicates the voltage (5.0V).
* **1**: Denotes the frequency stability (often ±100ppm depending on the specific datasheet revision).
* **T**: Specifies the operating temperature range (Industrial: -40°C to +85°C).
* **A**: Tri-state enable/disable function on Pad 1.
* **G**: Symmetry/Duty Cycle requirements (typically 40/60% or 45/55%).
* **R**: Indicates RoHS compliance.
---
### 3. Pin Configuration
The device features a standard 4-pad layout common to SMD oscillators:
1. **Pad 1: Tri-state (Enable/Disable).** High or Floating = Output active; Low = High impedance.
2. **Pad 2: Ground (GND).** Connection to the negative supply rail.
3. **Pad 3: Output.** The high-speed clock signal.
4. **Pad 4: Vcc.** Positive supply voltage (+5V).
---
### 4. Key Applications
Because of its 5V operation and industrial temperature rating, it is commonly found in:
* **Embedded Systems:** Providing the master clock for microcontrollers.
* **Telecommunications:** Timing for network interface cards.
* **Industrial Controls:** Used in PLCs and rugged automation hardware.
* **Legacy Hardware:** Supporting older TTL-logic based circuits that require 5V levels.
- ⤷
What is the specific frequency of the MHO+41TAG-R variant you are looking at?
- ⤷ How does the 'Tri-state' function work in this oscillator circuit?
- ⤷ What are the recommended decoupling capacitor values for this 5V part?