MHO+38TAD-R
AI

The **MHO+38TAD-R** is a specific series of **Crystal Oscillators** (specifically categorized under the MHO series) manufactured by MtronPTI. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical characteristics found in this specific series:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V DC (Standard for MHO series) |
| **Frequency Range** | Usually between 1.0 MHz to 100.0 MHz |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
---
### 2. Part Number Breakdown
To understand the "MHO+38TAD-R" naming convention, we look at the standard MtronPTI coding logic:
* **MHO:** Identifies the product series (Metal Half-size or Full-size DIP Package).
* **+:** Often indicates RoHS compliance (Lead-free).
* **38:** Usually refers to the specific frequency stability or a variation in the voltage/output (e.g., ±50ppm or ±100ppm).
* **TAD:**
* **T:** Temperature Range (often indicates a specific thermal operating window).
* **A:** Tightness/Symmetry of the waveform.
* **D:** Duty Cycle specification (usually 40/60% or 45/55%).
* **-R:** Indicates **RoHS Compliant** (Restriction of Hazardous Substances).
---
### 3. Key Electronic Components Inside
An oscillator like the MHO+38TAD-R is not a simple crystal; it is an active circuit consisting of:
1. **Quartz Crystal Slice:** The mechanical resonator that vibrates at a specific frequency.
2. **Oscillator IC:** An internal integrated circuit that provides the amplification and feedback necessary to sustain oscillation.
3. **Bypass Capacitors:** Internal surface-mount capacitors to filter noise from the power supply.
4. **Buffer/Driver:** An output stage that ensures the signal can drive other logic gates (TTL/CMOS) without degrading.
---
### 4. Application Areas
These parts are commonly found in legacy and industrial hardware due to their robust through-hole design:
* **Embedded Systems:** Providing a heartbeat for microprocessors.
* **Telecommunications:** Timing for data transmission hardware.
* **Industrial Control:** Used in PLCs (Programmable Logic Controllers) where surface-mount components might not be preferred.
---
- ⤷What is the exact frequency of the MHO+38TAD-R model?
- ⤷ How does a 14-pin DIP oscillator differ from a 4-pin SMT oscillator in terms of performance?
- ⤷ What are the common failure modes for quartz crystal oscillators?